Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6886 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV6886
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6886 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV6886 Datasheet HTML 20Page - STMicroelectronics STV6886 Datasheet HTML 21Page - STMicroelectronics STV6886 Datasheet HTML 22Page - STMicroelectronics STV6886 Datasheet HTML 23Page - STMicroelectronics STV6886 Datasheet HTML 24Page - STMicroelectronics STV6886 Datasheet HTML 25Page - STMicroelectronics STV6886 Datasheet HTML 26Page - STMicroelectronics STV6886 Datasheet HTML 27Page - STMicroelectronics STV6886 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
STV6886
24/43
In order to choose the right sync priority the MCU
may proceed as follows (see I2C Bus Address Ta-
ble):
– refresh the status register,
– wait at least for 20ms (Max. vertical period),
– read the status register.
Sync priority choice should be :
Of course, when the choice is made, we can re-
fresh the sync detections and verify that the ex-
tracted Vsync is present and that no sync type
change has occurred. The sync processor also
gives sync polarity information.
1.7 IC status
The IC can inform the MCU about the 1st horizon-
tal PLL and vertical section status (locked or not)
and about the XRAY protection (activated or
not).Resetting the XRAY internal latch can be
done either by decreasing the VCC supply or di-
rectly resetting it via the I2C interface.
1.8 Sync Inputs
Both H/HVIN and VSYNCIN inputs are TTL com-
patible triggers with hysteresis to avoid erratic de-
tection. Both inputs include a pull up resistor con-
nected to VDD.
1.9 Sync Processor Output
The sync processor indicates on bit D8 of the sta-
tus register whether 1st PLL is locked to an incom-
ing horizontal sync. Its level goes to low when
locked. This information is also available on pin 3 if
sub-address 02 D8 is equal to 1. When PLL1 is un-
locked, pin 3 output voltage becomes higher than
6V. When it is locked, the HMoiré waveform is
available on pin 3 (max voltage: 3V).
2 HORIZONTAL PART
2.1 Internal Input Conditions
A digital signal (horizontal sync pulse or TTL com-
posite) is sent by the sync processor to the hori-
zontal input. It may be positive or negative (see
Figure 5).
Using internal integration, both signals are recog-
nized if Z/T < 25%. Synchronization takes place on
the leading edge of the internal sync signal.
The minimum value of Z is 0.7
µs.
Another integration is able to extract the vertical
pulse from composite sync if the duty cycle is high-
er than 25% (typically d = 35%),
(see Figure 6).
Figure 5.
Figure 6.
The last feature performed is the removal of these
equalization pulses which fall in the middle of a
line, to avoid parasitic pulses on the phase compa-
rator (which would be disturbed by missing or ex-
traneous pulses). This last feature is switched on/
off by sub-address 0F D8. By default [0], equaliza-
tion pulses will not be removed.
Vextd
et
H/V
det
V
det
Sync
priority
Subaddress
03 (D8)
Comment
Sync type
No
Yes
Yes
1
Separated H&V
Yes
Yes
No
0
Composite TTL
H&V
d
CSync
Integ.
VSyn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com