Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSKCS409 Datasheet (PDF) - Vishay Siliconix

VSKCS409 Datasheet PDF - Vishay Siliconix
Part # VSKCS409
Download  VSKCS409 Download
File Size   161.02 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 400 A

VSKCS409 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSKCS409 Datasheet PDF - Vishay Siliconix

Part # VSKCS409
Download  VSKCS409 Click to download

File Size   161.02 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 400 A

VSKCS409 Datasheet (HTML) - Vishay Siliconix


VSKCS409 Product details

DESCRIPTION
The VSKCS409.. Schottky rectifier common cathode has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 °C junction temperature.
Typical applications are in high current switching power supplies, plating power supplies, UPS systems, converters, freewheeling diodes, welding, and reverse battery protection.

FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term reliability
• UL pending
• Totally lead (Pb)-free, RoHS compliant
• Designed and qualified for industrial level




Similar Part No. - VSKCS409

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS400 VISHAY-VSKCS400 Datasheet
158Kb / 6P
Schottky Rectifier, 400 A
23-Apr-08
VSKCS400-045 VISHAY-VSKCS400-045 Datasheet
131Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
09-Mar-11
VSKCS400/045P VISHAY-VSKCS400/045P Datasheet
158Kb / 6P
Schottky Rectifier, 400 A
23-Apr-08
VSKCS400 VISHAY-VSKCS400_11 Datasheet
131Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
09-Mar-11
VSKCS401 VISHAY-VSKCS401 Datasheet
157Kb / 6P
Schottky Rectifier, 200 A
24-Apr-08
More results


Similar Description - VSKCS409

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
400CNQ045PBF VISHAY-400CNQ045PBF Datasheet
114Kb / 6P
Schottky Rectifier, 400 A
29-Apr-08
401CNQPBF VISHAY-401CNQPBF Datasheet
114Kb / 6P
Schottky Rectifier, 400 A
29-Apr-08
409CNQPBF VISHAY-409CNQPBF Datasheet
113Kb / 6P
Schottky Rectifier, 400 A
29-Apr-08
VSKCS400 VISHAY-VSKCS400 Datasheet
158Kb / 6P
Schottky Rectifier, 400 A
23-Apr-08
VSKCS403 VISHAY-VSKCS403 Datasheet
157Kb / 6P
Schottky Rectifier, 400 A
24-Apr-08
VSKCS408 VISHAY-VSKCS408 Datasheet
158Kb / 6P
Schottky Rectifier, 400 A
24-Apr-08
VSKJS403 VISHAY-VSKJS403 Datasheet
158Kb / 6P
Schottky Rectifier, 400 A
25-Apr-08
403CMQ100 VISHAY-403CMQ100 Datasheet
113Kb / 7P
Schottky Rectifier, 400 A
19-Nov-09
logo
Nell Semiconductor Co.,...
NKSD400-100 NELLSEMI-NKSD400-100 Datasheet
384Kb / 6P
Schottky Rectifier, 400 A
logo
Vishay Siliconix
409CNQ135PBF VISHAY-409CNQ135PBF_12 Datasheet
126Kb / 7P
Schottky Rectifier, 400 A
29-Apr-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com