Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDE1897R Datasheet (PDF) - STMicroelectronics

TDE1897R Datasheet PDF - STMicroelectronics
Part # TDE1897R
Download  TDE1897R Download
File Size   121.54 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH

TDE1897R Datasheet (PDF)

Go To PDF Page Download Datasheet
TDE1897R Datasheet PDF - STMicroelectronics

Part # TDE1897R
Download  TDE1897R Click to download

File Size   121.54 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH

TDE1897R Datasheet (HTML) - STMicroelectronics


TDE1897R Product details

DESCRIPTION
The TDE1897R/TDE1898R is a monolithic Intelligent Power Switch in Multipower BCD Technology, for driving inductive or resistive loads. An internal Clamping Diode enables the fast demagnetization of inductive loads.
Diagnostic for CPU feedback and extensive use of electrical protections make this device inherently indistructible and suitable for general purpose industrial applications.

■ 0.5A OUTPUT CURRENT
■ 18V TO 35V SUPPLY VOLTAGE RANGE
■ INTERNAL CURRENT LIMITING
■ THERMAL SHUTDOWN
■ OPEN GROUND PROTECTION
■ INTERNAL NEGATIVE VOLTAGE CLAMPING TO VS - 45V FOR FAST DEMAGNETIZATION
■ DIFFERENTIAL INPUTS WITH LARGE COMMON MODE RANGE AND THRESHOLD HYSTERESIS
■ UNDERVOLTAGE LOCKOUT WITH HYSTERESIS
■ OPEN LOAD DETECTION
■ TWO DIAGNOSTIC OUTPUTS
■ OUTPUT STATUS LED DRIVER




Similar Part No. - TDE1897R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
More results


Similar Description - TDE1897R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6375 STMICROELECTRONICS-L6375 Datasheet
84Kb / 12P
0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
Feb-2000
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
Nov-1996
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
Feb-1996
TDE1890 STMICROELECTRONICS-TDE1890 Datasheet
111Kb / 12P
2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Jul-1998
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
L6370 STMICROELECTRONICS-L6370_07 Datasheet
237Kb / 19P
2.5A high-side driver industrial intelligent power switch
19-Jun-2007
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
0.5A high-side driver industrial intelligent power switch
24-Jul-2007
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
0.5A high-side driver industrial intelligent power switch
15-Oct-2007
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com