Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6377 Datasheet (PDF) - STMicroelectronics

L6377 Datasheet PDF - STMicroelectronics
Part # L6377
Download  L6377 Download
File Size   91.77 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH

L6377 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6377 Datasheet PDF - STMicroelectronics

Part # L6377
Download  L6377 Click to download

File Size   91.77 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH

L6377 Datasheet (HTML) - STMicroelectronics


L6377 Product details

Description
This device is a monolithic intelligent power switch in multipower BCD technology for driving inductive, capacitive or resistive loads.
Diagnostic for CPU feedback and extensive use of electrical protections make this device inherently indistructible and suitable for general purpose industrial applications.

Features
■ Multipower BCD technology
■ 0.5 A output current
■ 8 to 35 V supply voltage range
■ Externally programmable current limit
■ Non-dissipative over-current protection
■ Thermal shutdown
■ Under voltage lockout with hysteresys
■ Diagnostic output for under voltage, over temperature and over current
■ External asynchronous reset input
■ Presettable delay for overcurrent diagnostic
■ Open ground protection
■ Protection against surge transient (IEC 61000-4-5)
■ Immunity against burst transient (IEC 61000-4-4)




Similar Part No. - L6377

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6377 STMICROELECTRONICS-L6377 Datasheet
153Kb / 16P
0.5 A high-side driver quad intelligent power switch
25-Feb-2008
L6377D STMICROELECTRONICS-L6377D Datasheet
153Kb / 16P
0.5 A high-side driver quad intelligent power switch
25-Feb-2008
L6377D013TR STMICROELECTRONICS-L6377D013TR Datasheet
153Kb / 16P
0.5 A high-side driver quad intelligent power switch
25-Feb-2008
L6377 STMICROELECTRONICS-L6377_08 Datasheet
153Kb / 16P
0.5 A high-side driver quad intelligent power switch
25-Feb-2008
More results


Similar Description - L6377

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6375 STMICROELECTRONICS-L6375 Datasheet
84Kb / 12P
0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
Feb-2000
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
Nov-1996
TDE1798 STMICROELECTRONICS-TDE1798 Datasheet
174Kb / 14P
0.5A INTELLIGENT POWER SWITCH
Nov-1991
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
0.5A high-side driver industrial intelligent power switch
24-Jul-2007
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
0.5A high-side driver industrial intelligent power switch
15-Oct-2007
TDE1798 STMICROELECTRONICS-TDE1798_03 Datasheet
1Mb / 14P
0.5A INTELLIGENT POWER SWITCH
Sep-2003
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com