Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6377 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6377
Description  0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6377 Datasheet(HTML) 2 Page - STMicroelectronics

  L6377 Datasheet HTML 1Page - STMicroelectronics L6377 Datasheet HTML 2Page - STMicroelectronics L6377 Datasheet HTML 3Page - STMicroelectronics L6377 Datasheet HTML 4Page - STMicroelectronics L6377 Datasheet HTML 5Page - STMicroelectronics L6377 Datasheet HTML 6Page - STMicroelectronics L6377 Datasheet HTML 7Page - STMicroelectronics L6377 Datasheet HTML 8Page - STMicroelectronics L6377 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Pin
Parameter
Value
Unit
Vs
3
Supply Voltage (tw < 10ms)
50
V
Supply Voltage (DC)
40
V
Vs -Vout
3 vs 2
Supply to Output Differential voltage
internally limited
Vod
5
Externally Forced Voltage
-0.3 to 7
V
Iod
Externally Forced Current
±1mA
IRESET
4
Reset Input Current (forced)
±2mA
VRESET
Reset Input Voltage
-0.3 to 40
V
Iout
2
Output Current (see also Isc)
internally limited
Vout
Output Voltage
internally limited
Eil
Total Energy Inductive Load (Tj = 125°C)
50
mJ
Ptot
Power Dissipation
internally limited
Vdiag
6
External voltage
-0.3 to 40
V
Idiag
Externally forced current
-10 to 10
mA
Ii
7
Input Current
20
mA
Vi
Input Voltage
-10 to Vs +0.3
V
Top
Ambient temperature, operating range
-25 to 85
°C
Tj
Junction temperature, operating range (see
Overtemperature Protection)
-25 to 125
°C
Tstg
Storage temperature
-55 to 150
°C
PIN CONNECTION (Top view)
GND
OUT
VS
RSC
ON DELAY
DIAG
IN+
RESET
1
3
2
4
6
5
7
8
D94IN054D
N.C.
GND
OUT
VS
RSC
N.C.
N.C.
N.C.
ON DELAY
N.C.
DIAG
IN+
RESET
N.C.
1
3
2
4
5
6
7
12
11
10
9
8
13
14
D96IN368
L6377
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com