Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6377 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6377
Description  0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6377 Datasheet(HTML) 3 Page - STMicroelectronics

  L6377 Datasheet HTML 1Page - STMicroelectronics L6377 Datasheet HTML 2Page - STMicroelectronics L6377 Datasheet HTML 3Page - STMicroelectronics L6377 Datasheet HTML 4Page - STMicroelectronics L6377 Datasheet HTML 5Page - STMicroelectronics L6377 Datasheet HTML 6Page - STMicroelectronics L6377 Datasheet HTML 7Page - STMicroelectronics L6377 Datasheet HTML 8Page - STMicroelectronics L6377 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PIN DESCRIPTION
No
Pins
Description
1
GND
Ground pin.
2
OUT
High side output. Controlled output with current limitation.
3VS
Supply voltage. Range with under voltage monitoring
4
Rsc
Current limiting setting.
5
ON DELAY
Delay setting for overcurrent diagnostic
6
DIAG
Diagnostic open drain output for over temperature, under voltage and overcurrent
7
IN+
Comparator non inverting input
8
RESET
Asynchronous reset input
THERMAL DATA
Symbol
Parameter
MINIDIP
SO14
Unit
Rth j-amb
Thermal Resistance, Junction Ambient
Max.
100
150
°C/W
L6377
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com