Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6377 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6377
Description  0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6377 Datasheet(HTML) 4 Page - STMicroelectronics

  L6377 Datasheet HTML 1Page - STMicroelectronics L6377 Datasheet HTML 2Page - STMicroelectronics L6377 Datasheet HTML 3Page - STMicroelectronics L6377 Datasheet HTML 4Page - STMicroelectronics L6377 Datasheet HTML 5Page - STMicroelectronics L6377 Datasheet HTML 6Page - STMicroelectronics L6377 Datasheet HTML 7Page - STMicroelectronics L6377 Datasheet HTML 8Page - STMicroelectronics L6377 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS (Vs = 24V; Tj = -25 to 125
°C; unless otherwise specified.)
DC OPERATION
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vsmin
3
Supply Voltage for Valid
Diagnostic
Idiag = >0.5mA;
Vdiag = 1.5V;
435
V
Vs
Operative Supply Voltage
8
24
35
V
Vsth
Under Voltage Lower Threshold
7
8
V
Vshys
Under Voltage Hysteresis
300
500
700
mV
Iq
Quiescent Current
Output Open
800
µA
Iqo
Quiescent Current
Output On
1.6
mA
Vith
7
Input Threshold Voltage
0.8
1.3
2
V
Viths
Input Threshold Hysteresis
50
400
mV
Vil
Input Low Level Voltage
-7
0.8
V
Vih
Input High Level Voltage
Vs< 18V
2
Vs -3
V
Vs> 18V
2
15
V
Iib
Input Bias Current
Vi = -7 to 15V
-250
250
µA
Vrth
8
Reset Threshold Voltage
0.8
1.3
2
V
Vrl
Reset Low Level Voltage
0
0.8
V
Vrh
Reset High Level Voltage
2
40
V
Irb
Reset Pull Down Current
5
µA
Idch
5
Delay Capacitor Charging
Current
ON DELAY pin
shorted to Ground
2.5
µA
Vrsc
4
Output Voltage on Rsc pin
Rsc pin floating
1.25
V
Irsc
Output Current on Rsc pin
Rsc pin shorted to GND
300
µA
Idlkg
6
Diagnostic Output Leakage Curr.
Diagnostic Off
25
µA
Vdiag
Diagnostic Output Voltage Drop
Idiag =5mA
;
1.5
V
Vdon
2
Output Voltage Drop
Iout =625mA
; Tj =25°C
250
350
mV
Iout =625mA
; Tj =125°C
400
550
mV
Iolk
Output Leakage Current
Vi = LOW; Vout=0
100
µA
Vol
Output Low State Voltage
Vi = HIGH; pin floating
0.8
1.5
V
Vcl
Internal Voltage Clamp (Vs-Vout)
Io=200mA
single pulsed =300
µs
48
53
58
V
Isc
Short Circuit Output Current
Vs=8 to 35V; Rl =2
Ω;
Rsc =5 to 30K
Ω
5/Rsc =K
Ω
A
Vs=8 to 35V; Rl =2
Ω;
Rsc <5 K
Ω
0.75
1.1
1.5
A
Tmax
Over Temperature Upper
Threshold
150
°C
Thys
Over Temperature Hysteresis
20
°C
L6377
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com