Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E102Z Datasheet (PDF) - Vishay Siliconix

E102Z Datasheet PDF - Vishay Siliconix
Part # E102Z
Download  E102Z Download
File Size   95.2 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultra High Precision Bulk Metal® Z-Foil Extended Value Range Resistor

E102Z Datasheet (PDF)

Go To PDF Page Download Datasheet
E102Z Datasheet PDF - Vishay Siliconix

Part # E102Z
Download  E102Z Click to download

File Size   95.2 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultra High Precision Bulk Metal® Z-Foil Extended Value Range Resistor

E102Z Datasheet (HTML) - Vishay Siliconix


E102Z Product details

Ultra High Precision Bulk Metal® Z-Foil Extended Value Range Resistor, with TCR of 0.2 ppm/°C, PCR of 5 ppm Rated Power, Tolerance to 0.005 %, and Power Rated at 0.6 W



FEATURES

• Temperature coefficient of resistance (TCR):

   - 55 °C to + 125 °C, + 25 °C ref. 0.2 ppm/°C typical

• Rated power: to 0.3 W at + 125 °C, 0.6 W at + 70 °C

• Tolerance: ± 0.005 %

• Load life stability: to ± 0.005 % at 70 °C, 2000 h at rated power

• Resistance range: 100 kΩ to 250 kΩ (higher and lower values of resistance are available)

• Electrostatic discharge (ESD) above 25 000 V

• Non inductive, non capacitive design

• Rise time: 1 ns without ringing

• Current noise: < - 40 dB

• Thermal EMF: 0.05 µV/°C typical

• Voltage coefficient < 0.1 ppm/V

• Low inductance: < 0.08 µH typical

• Non hot spot design

• Terminal finishes available: lead (Pb)-free

                                      tin/lead alloy

• Matched sets are available on request

   (TCR tracking: to 0.5 ppm/°C)



 




Similar Part No. - E102Z

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E102 GILWAY-E102 Datasheet
1Mb / 17P
Miniature LEDs
logo
Vishay Siliconix
E102 VISHAY-E102 Datasheet
106Kb / 3P
High Precision Bulk Metal짰 Foil Extended Value Range Resistor, with TCR of 2 ppm/째C, Tolerance to 0.005 %, and Power Rated at 0.6 W
27-Feb-08
logo
MicroPower Direct, LLC
E102 MPD-E102 Datasheet
160Kb / 2P
Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
3M Electronics
E1020 3M-E1020 Datasheet
1Mb / 6P
Cushion-Mount™ Plus Plate Mounting Tapes with Easy Mount Adhesive
Jul-2010
logo
Hubbell Incorporated.
E1020031 HUBBELL-E1020031 Datasheet
371Kb / 1P
Anchor, PISA Rod, 5/8in X 3.5ft Thimbleye, 5/8in threads
More results


Similar Description - E102Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
16-Aug-04
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
23-Dec-03
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
17-Aug-04
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
18-Jun-07
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
Ultra High Precision Z-Foil Molded Surface Mount Resistor
30-Jul-07
DSMZ VISHAY-DSMZ Datasheet
161Kb / 5P
Ultra High Precision Bulk Metal® Z-Foil Surface Mount Voltage Divider
06-Aug-07
FRSM VISHAY-FRSM Datasheet
1Mb / 7P
Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
7-Apr-11
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
24-Mar-10
Y4485V0001AT9R VISHAY-Y4485V0001AT9R Datasheet
420Kb / 5P
Ultra High Precision Bulk Metal Z-Foil Surface Mount Voltage Divider
25-Mar-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com