Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB1635 Datasheet (PDF) - Vishay Siliconix

MBRB1635 Datasheet PDF - Vishay Siliconix
Part # MBRB1635
Download  MBRB1635 Download
File Size   105.87 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 16 A

MBRB1635 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB1635 Datasheet PDF - Vishay Siliconix

Part # MBRB1635
Download  MBRB1635 Click to download

File Size   105.87 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 16 A

MBRB1635 Datasheet (HTML) - Vishay Siliconix


MBRB1635 Product details

FEATURES
• Power pack
• Guardring for overvoltage protection
• Low power loss, high efficiency
• Low forward voltage drop
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C (for D2PAK (TO-263AB) package)
• Solder bath temperature 275 °C maximum, 10 s, per JESD 22-B106 (for ITO-220AC package)
• AEC-Q101 qualified
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
    For use in low voltage, high frequency rectifier of switching mode power supplies, freewheeling diodes, DC/DC converters, and polarity protection application.




Similar Part No. - MBRB1635

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB1635 GE-MBRB1635 Datasheet
97Kb / 2P
SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
MBRB1635 GOOD-ARK-MBRB1635 Datasheet
246Kb / 3P
Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRB1635 VISHAY-MBRB1635 Datasheet
487Kb / 5P
Schottky Barrier Rectifier
08-Nov-07
logo
Sensitron
MBRB1635 SENSITRON-MBRB1635 Datasheet
174Kb / 4P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
MBRB1635 SMC-MBRB1635 Datasheet
164Kb / 6P
SCHOTTKY RECTIFIER
More results


Similar Description - MBRB1635

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR1645 VISHAY-MBR1645 Datasheet
107Kb / 6P
Schottky Rectifier, 16 A
22-Aug-08
MBR1645PBF VISHAY-MBR1645PBF Datasheet
108Kb / 6P
Schottky Rectifier, 16 A
14-Aug-08
MBRB1635PBF VISHAY-MBRB1635PBF Datasheet
106Kb / 6P
Schottky Rectifier, 16 A
15-Aug-08
MBRB1635PBF VISHAY-MBRB1635PBF_10 Datasheet
143Kb / 7P
Schottky Rectifier, 16 A
23-Jun-10
MBR1635PBF VISHAY-MBR1635PBF_12 Datasheet
153Kb / 7P
Schottky Rectifier, 16 A
29-Aug-11
logo
Nell Semiconductor Co.,...
MBR1645 NELLSEMI-MBR1645 Datasheet
248Kb / 5P
Schottky Rectifier, 16 A
logo
Vishay Siliconix
MBR16 VISHAY-MBR16 Datasheet
90Kb / 6P
Schottky Rectifier, 16 A
22-Aug-08
MBRB16 VISHAY-MBRB16 Datasheet
89Kb / 6P
Schottky Rectifier, 16 A
22-Aug-08
VS-MBR16PBF VISHAY-VS-MBR16PBF_V01 Datasheet
123Kb / 7P
High Performance Schottky Rectifier, 16 A
29-Aug-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com