Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1645 Datasheet (PDF) - Nell Semiconductor Co., Ltd

MBR1645 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # MBR1645
Download  MBR1645 Download
File Size   248.57 Kbytes
Page   5 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Schottky Rectifier, 16 A

MBR1645 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1645 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # MBR1645
Download  MBR1645 Click to download

File Size   248.57 Kbytes
Page   5 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Schottky Rectifier, 16 A

MBR1645 Datasheet (HTML) - Nell Semiconductor Co., Ltd


MBR1645 Product details

DESCRIPTION
The MBR1645 Schottky rectifier has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150°C junction temperature.

FEATURES
● 150°C TJ operation
● High frequency operation
● Low forward voltage drop
● High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
● Guard ring for enhanced ruggedness and long term reliability
● Compliant to RoHS
● Designed and qualified according to JEDEC-JESD47

APPLICATIONS
● Switching mode power supplies
● Converters
● Freewheeling diodes
● Reverse battery protection.




Similar Part No. - MBR1645

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1645 MOTOROLA-MBR1645 Datasheet
80Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Fairchild Semiconductor
MBR1645 FAIRCHILD-MBR1645 Datasheet
36Kb / 3P
16 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1645 DIODES-MBR1645 Datasheet
65Kb / 2P
16A SCHOTTKY BARRIER RECTIFIER
DS23011 Rev. F-2
logo
Micro Commercial Compon...
MBR1645 MCC-MBR1645 Datasheet
114Kb / 2P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
GOOD-ARK Electronics
MBR1645 GOOD-ARK-MBR1645 Datasheet
246Kb / 3P
Schottky Barrier Rectifiers
More results


Similar Description - MBR1645

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR1645 VISHAY-MBR1645 Datasheet
107Kb / 6P
Schottky Rectifier, 16 A
22-Aug-08
MBR1645PBF VISHAY-MBR1645PBF Datasheet
108Kb / 6P
Schottky Rectifier, 16 A
14-Aug-08
MBRB1635 VISHAY-MBRB1635 Datasheet
105Kb / 6P
Schottky Rectifier, 16 A
22-Aug-08
MBRB1635PBF VISHAY-MBRB1635PBF Datasheet
106Kb / 6P
Schottky Rectifier, 16 A
15-Aug-08
MBRB1635PBF VISHAY-MBRB1635PBF_10 Datasheet
143Kb / 7P
Schottky Rectifier, 16 A
23-Jun-10
MBR1635PBF VISHAY-MBR1635PBF_12 Datasheet
153Kb / 7P
Schottky Rectifier, 16 A
29-Aug-11
MBR16 VISHAY-MBR16 Datasheet
90Kb / 6P
Schottky Rectifier, 16 A
22-Aug-08
MBRB16 VISHAY-MBRB16 Datasheet
89Kb / 6P
Schottky Rectifier, 16 A
22-Aug-08
VS-MBR16PBF VISHAY-VS-MBR16PBF_V01 Datasheet
123Kb / 7P
High Performance Schottky Rectifier, 16 A
29-Aug-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com