Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N80-TF3-T Datasheet (PDF) - Unisonic Technologies

3N80-TF3-T Datasheet PDF - Unisonic Technologies
Part # 3N80-TF3-T
Download  3N80-TF3-T Download
File Size   200.25 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2.5 Amps, 800 Volts N-CHANNEL POWER MOSFET

3N80-TF3-T Datasheet (PDF)

Go To PDF Page Download Datasheet
3N80-TF3-T Datasheet PDF - Unisonic Technologies

Part # 3N80-TF3-T
Download  3N80-TF3-T Click to download

File Size   200.25 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2.5 Amps, 800 Volts N-CHANNEL POWER MOSFET

3N80-TF3-T Datasheet (HTML) - Unisonic Technologies


3N80-TF3-T Product details

DESCRIPTION

The UTC 3N80provide excellent RDS(ON), low gate charge and operation with low gate voltages. This device is suitable for use as a load switch or in PWM applications.





FEATURES

* RDS(ON)=3.8Ω@VGS=10 V

* Ultra Low Gate Charge ( typical 19 nC ) 

* Low Reverse Transfer Capacitance ( CRSS= Typical 11 pF )

* Fast Switching Capability

* Avalanche Energy Specified

* Improved dv/dt Capability, High Ruggedness




Similar Part No. - 3N80-TF3-T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
3N80-TO-3 ISC-3N80-TO-3 Datasheet
162Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 3N80-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N80 UTC-1N80 Datasheet
163Kb / 6P
1.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
2N80 UTC-2N80 Datasheet
170Kb / 6P
2 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N80 UTC-3N80_11 Datasheet
210Kb / 6P
3 Amps, 800 Volts N-CHANNEL POWER MOSFET
4N80 UTC-4N80 Datasheet
165Kb / 6P
4.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
5N80 UTC-5N80 Datasheet
171Kb / 5P
5 Amps, 800 Volts N-CHANNEL POWER MOSFET
6N80 UTC-6N80 Datasheet
181Kb / 6P
6.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
7N80 UTC-7N80 Datasheet
177Kb / 6P
7.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
9N80 UTC-9N80 Datasheet
178Kb / 5P
9 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N80_1108 UTC-3N80_1108 Datasheet
222Kb / 6P
3 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK3N80P FS-FTK3N80P Datasheet
223Kb / 6P
3 Amps, 800 Volts N-CHANNEL MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com