Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

280879-08 Datasheet (PDF) - Vishay Siliconix

280879-08 Datasheet PDF - Vishay Siliconix
Part # 280879-08
Download  280879-08 Download
File Size   125.86 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 14” Infrared Touch Pane

280879-08 Datasheet (PDF)

Go To PDF Page Download Datasheet
280879-08 Datasheet PDF - Vishay Siliconix

Part # 280879-08
Download  280879-08 Click to download

File Size   125.86 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 14” Infrared Touch Pane

280879-08 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 280879-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
280879-08 VISHAY-280879-08 Datasheet
113Kb / 9P
Infrared Touch Panels
05-Dec-00
280879-08 VISHAY-280879-08 Datasheet
93Kb / 7P
12.1??Infrared Touch Panel
28-Jun-01
280879-08 VISHAY-280879-08 Datasheet
135Kb / 7P
14” Infrared Touch Panel
20-Nov-03
280879-08 VISHAY-280879-08 Datasheet
115Kb / 7P
15” Infrared Touch Panel
28-Jun-01
280879-08 VISHAY-280879-08 Datasheet
89Kb / 7P
15” Infrared Touch Panel
28-Jun-01
More results


Similar Description - 280879-08

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KEL-0315C KODENSHI-KEL-0315C Datasheet
128Kb / 2P
Touch Screen Infrared LED & Photo Transistor
logo
Vishay Siliconix
TIP-3526PCS-8 VISHAY-TIP-3526PCS-8 Datasheet
113Kb / 9P
Infrared Touch Panels
05-Dec-00
TIP-4131SCE-1 VISHAY-TIP-4131SCE-1 Datasheet
93Kb / 7P
12.1??Infrared Touch Panel
28-Jun-01
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
14” Infrared Touch Panel
20-Nov-03
TIP-5038SDE VISHAY-TIP-5038SDE Datasheet
115Kb / 7P
15” Infrared Touch Panel
28-Jun-01
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1 Datasheet
89Kb / 7P
15” Infrared Touch Panel
28-Jun-01
TIP VISHAY-TIP Datasheet
87Kb / 4P
Infrared Touch Panels
05-Dec-00
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1_10 Datasheet
183Kb / 7P
14" Infrared Touch Panel
14-Jan-10
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
15" Infrared Touch Panel
14-Jan-10
TIP VISHAY-TIP_V01 Datasheet
126Kb / 4P
Infrared Touch Panel with Controller
05-Dec-00
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com