Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURD620CTPBF Datasheet (PDF) - Vishay Siliconix

MURD620CTPBF Datasheet PDF - Vishay Siliconix
Part # MURD620CTPBF
Download  MURD620CTPBF Download
File Size   116.41 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 2 x 3 A FRED PtTM

MURD620CTPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
MURD620CTPBF Datasheet PDF - Vishay Siliconix

Part # MURD620CTPBF
Download  MURD620CTPBF Click to download

File Size   116.41 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 2 x 3 A FRED PtTM

MURD620CTPBF Datasheet (HTML) - Vishay Siliconix


MURD620CTPBF Product details

DESCRIPTION/APPLICATIONS

VS-MURD620CTPbF is the state of the art ultrafast recovery rectifier specifically designed with optimized performance of forward voltage drop and ultrafast recovery time. The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics.

These devices are intended for use in the output rectification stage of SMPS, UPS, DC/DC converters as well as

freewheeling diode in low voltage inverters and chopper motor drives. Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.



FEATURES

• Ultrafast recovery time

• Low forward voltage drop

• Low leakage current

• 175 °C operating junction temperature

• Compliant to RoHS Directive 2002/95/EC

• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C




Similar Part No. - MURD620CTPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MURD620CTPBF IRF-MURD620CTPBF Datasheet
171Kb / 8P
Ultrafast Rectifier
logo
Vishay Siliconix
MURD620CTPBF VISHAY-MURD620CTPBF Datasheet
143Kb / 8P
Ultrafast Rectifier, 2 x 3 A FRED Pt
13-Jan-11
MURD620CTPBF VISHAY-MURD620CTPBF_11 Datasheet
143Kb / 8P
Ultrafast Rectifier, 2 x 3 A FRED Pt
13-Jan-11
More results


Similar Description - MURD620CTPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWH02FNPBF VISHAY-6CWH02FNPBF Datasheet
117Kb / 7P
Ultrafast Rectifier, 2 x 3 A FRED PtTM
21-Jul-08
16CTU04PBF VISHAY-16CTU04PBF_08 Datasheet
119Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
21-Jul-08
16CTU04S VISHAY-16CTU04S_08 Datasheet
125Kb / 7P
Ultrafast Rectifier, 2 x 8 A FRED PtTM
08-Sep-08
70CRU04 VISHAY-70CRU04 Datasheet
115Kb / 6P
Ultrafast Rectifier, 2 x 35 A FRED PtTM
28-Jul-08
70CRU04PBF VISHAY-70CRU04PBF Datasheet
122Kb / 6P
Ultrafast Rectifier, 2 x 35 A FRED PtTM
21-Jul-08
30CPH03 VISHAY-30CPH03 Datasheet
114Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
30CPH03PBF VISHAY-30CPH03PBF Datasheet
113Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
21-Jul-08
30CPU04 VISHAY-30CPU04 Datasheet
120Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
30CPU04PBF VISHAY-30CPU04PBF Datasheet
122Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
21-Jul-08
MURB2020CTPBF VISHAY-MURB2020CTPBF Datasheet
121Kb / 7P
Ultrafast Rectifier, 2 x 10 A FRED PtTM
05-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com