Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBL4040PT Datasheet (PDF) - Vishay Siliconix

SBL4040PT Datasheet PDF - Vishay Siliconix
Part # SBL4040PT
Download  SBL4040PT Download
File Size   374.47 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Common-Cathode Schottky Rectifier

SBL4040PT Datasheet (PDF)

Go To PDF Page Download Datasheet
SBL4040PT Datasheet PDF - Vishay Siliconix

Part # SBL4040PT
Download  SBL4040PT Click to download

File Size   374.47 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Common-Cathode Schottky Rectifier

SBL4040PT Datasheet (HTML) - Vishay Siliconix


SBL4040PT Product details

FEATURES
• Power pack
• Guardring for overvoltage protection
• Lower power losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• High frequency operation
• Solder dip 260 °C, 40 s
• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
  For use in low voltage, high frequency rectifier of switching mode power supplies, freewheeling diodes, DC/DC converters, or polarity protection application.




Similar Part No. - SBL4040PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL4040PT DIODES-SBL4040PT Datasheet
54Kb / 2P
40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. A-2
logo
General Semiconductor
SBL4040PT GE-SBL4040PT Datasheet
77Kb / 2P
SCHOTTKY RECTIFIER
logo
Diodes Incorporated
SBL4040PT DIODES-SBL4040PT Datasheet
71Kb / 3P
40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. 3 - 2
logo
Sirectifier Semiconduct...
SBL4040PT SIRECTIFIER-SBL4040PT Datasheet
128Kb / 2P
Low VF Schottky Barrier Rectifiers
logo
Vishay Siliconix
SBL4040PT VISHAY-SBL4040PT Datasheet
83Kb / 5P
Dual Common Cathode Schottky Rectifier
12-Jun-13
More results


Similar Description - SBL4040PT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1560CT-E3-45 VISHAY-MBR1560CT-E3-45 Datasheet
488Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com