Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBL4040PT Datasheet (PDF) - General Semiconductor

SBL4040PT Datasheet PDF - General Semiconductor
Part # SBL4040PT
Download  SBL4040PT Download
File Size   77.96 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description SCHOTTKY RECTIFIER

SBL4040PT Datasheet (PDF)

Go To PDF Page Download Datasheet
SBL4040PT Datasheet PDF - General Semiconductor

Part # SBL4040PT
Download  SBL4040PT Click to download

File Size   77.96 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description SCHOTTKY RECTIFIER

SBL4040PT Datasheet (HTML) - General Semiconductor


SBL4040PT Product details

Reverse Voltage - 30 to 40 Volts Forward Current - 40.0 Amperes



FEATURES

♦ Plastic package has Underwriters Laboratory

   Flammability Classifications 94V-0

♦ Dual rectifier construction, positive center-tap

♦ Metal silicon rectifier, majority carrier conduction

♦ Low power loss, high efficiency

♦ High current capability, low forward voltage drop

♦ High surge capability

♦ For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications

♦ Guardring for overvoltage protection

♦ High temperature soldering guaranteed: 250°C/10 seconds, 0.17" (4.3mm) from case



 




Similar Part No. - SBL4040PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL4040PT DIODES-SBL4040PT Datasheet
54Kb / 2P
40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. A-2
SBL4040PT DIODES-SBL4040PT Datasheet
71Kb / 3P
40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. 3 - 2
logo
Sirectifier Semiconduct...
SBL4040PT SIRECTIFIER-SBL4040PT Datasheet
128Kb / 2P
Low VF Schottky Barrier Rectifiers
logo
Vishay Siliconix
SBL4040PT VISHAY-SBL4040PT Datasheet
374Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL4040PT VISHAY-SBL4040PT Datasheet
83Kb / 5P
Dual Common Cathode Schottky Rectifier
12-Jun-13
More results


Similar Description - SBL4040PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results




About General Semiconductor


General Semiconductor was an American semiconductor company that specialized in the design and manufacture of discrete semiconductor components such as diodes, rectifiers, transistors, and thyristors. The company was founded in 1952 and was headquartered in Melville, New York.

General Semiconductor's products were used in a wide range of applications, including consumer electronics, automotive, industrial, and telecommunications industries. The company's product portfolio included a variety of discrete semiconductor components, such as small signal diodes, power diodes, bridge rectifiers, and transient voltage suppressors (TVS).

In 2001, Vishay Intertechnology, a leading manufacturer of discrete semiconductors and passive electronic components, acquired General Semiconductor in a stock-for-stock transaction valued at approximately $1.6 billion. Following the acquisition, General Semiconductor became a subsidiary of Vishay Intertechnology, and its products and technologies were integrated into Vishay's broad portfolio of electronic components.

Today, Vishay Intertechnology continues to provide a wide range of discrete semiconductor components, leveraging the technologies and expertise gained through the acquisition of General Semiconductor. The company's products are used in various industries, including automotive, computing, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com