Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7088A Datasheet (PDF) - STMicroelectronics

TEA7088A Datasheet PDF - STMicroelectronics
Part # TEA7088A
Download  TEA7088A Download
File Size   184.16 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW-RANGE PHONE DEDICATED CHIP

TEA7088A Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA7088A Datasheet PDF - STMicroelectronics

Part # TEA7088A
Download  TEA7088A Click to download

File Size   184.16 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW-RANGE PHONE DEDICATED CHIP

TEA7088A Datasheet (HTML) - STMicroelectronics


TEA7088A Product details

DESCRIPTION
The TEA7088A is a Telephone Analog Front End device, TAFE, which integrates the three basic functionsof a standard telephoneset :
   - Speech network,
   - DTMF generator,
   - Ringer generator on buzzer.
A complete telephone set can be designed using TEA7088A associated with a low cost microcontroller.

■ RING
   - GENERATION OF 8 MELODY TONES
      (Including the 3 German Melody Tones)
   - 4 STEPS DIGITAL CONTROL ON THE AM PLIFIER OUTPUT LEVEL
■ SPEECH
   - TRANSMIT GAIN EXTERNALLY ADJUSTABLE
   - RECEIVING GAIN EXTERNALLY ADJUSTABLE
   - AGC SLOPE EXTERNALLY PROGRAMMABLE
   - SOFTCLIPPING ON SENDING CHANNEL
   - RECEIVE AMPLIFIER FOR PIEZO OR ELECTRODYNAMIC TRANSDUCER
   - +6dB MODE ON RECEIVE CHANNEL
   - LINE POWER MANAGEMENT
■ DIALING
   - DTMF GENERATOR
   - LOW DC MASK DURING MAKE PERIOD THROUGH MICROCONTROLLER SERIAL BUS INTERFACE
■ MICROCONTROLLER INTERFACE
   - 1.79MHzCLOCK OR 3.58MHz OSCILLATOR INPUT
■ MICROCONTROLLER POWER SUPPLY
■ MICROCONTROLLER CONTROL INTERFACE INCLUDING SERIAL BUS
■ LINE CURRENT EXTRACTOR FOR SUPPLY OF EXTERNAL PERIPHERALS




Similar Part No. - TEA7088A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7089 STMICROELECTRONICS-TEA7089 Datasheet
154Kb / 17P
LOW-RANGE PHONE DEDICATED CHIP
Jun-1998
TEA7089A STMICROELECTRONICS-TEA7089A Datasheet
154Kb / 17P
LOW-RANGE PHONE DEDICATED CHIP
Jun-1998
TEA7089AFP STMICROELECTRONICS-TEA7089AFP Datasheet
154Kb / 17P
LOW-RANGE PHONE DEDICATED CHIP
Jun-1998
More results


Similar Description - TEA7088A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3386 MOTOROLA-TCA3386 Datasheet
48Kb / 1P
Single chip feature phone IC
logo
STMicroelectronics
TEA7089A STMICROELECTRONICS-TEA7089A Datasheet
154Kb / 17P
LOW-RANGE PHONE DEDICATED CHIP
Jun-1998
logo
Broadcom Corporation.
BCM1113 BOARDCOM-BCM1113 Datasheet
118Kb / 2P
ENTERPRISE IP PHONE CHIP
BCM1190KQMG BOARDCOM-BCM1190KQMG Datasheet
130Kb / 2P
LOW-COST IP PHONE CHIP
logo
QX Micro Devices Co.,Lt...
QX5235 QXMD-QX5235 Datasheet
622Kb / 2P
High-power LED dedicated driver chip
logo
Littelfuse
KRDI LITTELFUSE-KRDI Datasheet
643Kb / 2P
Dedicated - Interval
2018 Rev: 1-A-101018
ERD3425A LITTELFUSE-ERD3425A Datasheet
498Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KSDR LITTELFUSE-KSDR Datasheet
533Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KSPD LITTELFUSE-KSPD Datasheet
520Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-062116
RS1A11 LITTELFUSE-RS1A11 Datasheet
460Kb / 2P
Dedicated - Recycle
Rev: 1-A-061016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com