Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7532 Datasheet (PDF) - STMicroelectronics

TEA7532 Datasheet PDF - STMicroelectronics
Part # TEA7532
Download  TEA7532 Download
File Size   201.93 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MONITOR AMPLIFIER

TEA7532 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA7532 Datasheet PDF - STMicroelectronics

Part # TEA7532
Download  TEA7532 Click to download

File Size   201.93 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MONITOR AMPLIFIER

TEA7532 Datasheet (HTML) - STMicroelectronics


TEA7532 Product details

DESCRIPTION

This 16 pins IC is designed for monitor (loudspeaker) telephone set and provides :

a) Signal amplification for monitoring (loudspeaker)

b) Antiacoustic feedback (antilarsen)

c) Antidistortion by automatic gain adaptation

d) Antilarsen adjustment (full duplex)



.PROGRAMMABLE GAIN IN STEPS OF 6 dB

.ON/OFF POSITION

.LOW VOLTAGE

.POWER : 100 mW AT 5 V




Similar Part No. - TEA7532

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7530 STMICROELECTRONICS-TEA7530 Datasheet
118Kb / 11P
MONITOR AMPLIFIER
Jun-1993
TEA7530DP STMICROELECTRONICS-TEA7530DP Datasheet
118Kb / 11P
MONITOR AMPLIFIER
Jun-1993
TEA7530FP STMICROELECTRONICS-TEA7530FP Datasheet
118Kb / 11P
MONITOR AMPLIFIER
Jun-1993
TEA7531 STMICROELECTRONICS-TEA7531 Datasheet
296Kb / 17P
MONITOR AMPLIFIER
More results


Similar Description - TEA7532

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9380 STMICROELECTRONICS-STV9380 Datasheet
62Kb / 7P
CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
May-2000
TEA7530 STMICROELECTRONICS-TEA7530 Datasheet
118Kb / 11P
MONITOR AMPLIFIER
Jun-1993
STV9381 STMICROELECTRONICS-STV9381 Datasheet
116Kb / 8P
CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
Sep-2003
logo
Maxim Integrated Produc...
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
logo
Panasonic Semiconductor
AN93B06SCR PANASONIC-AN93B06SCR Datasheet
201Kb / 3P
BROAD BAND VIDEO AMPLIFIER IC FOR CRT MONITOR
logo
List of Unclassifed Man...
M51392P ETC1-M51392P Datasheet
14Kb / 1P
VIDEO AMPLIFIER FOR DISPLAY/MONITOR
logo
STMicroelectronics
TEA7531 STMICROELECTRONICS-TEA7531 Datasheet
296Kb / 17P
MONITOR AMPLIFIER
logo
Texas Instruments
UC3730N TI-UC3730N Datasheet
261Kb / 6P
Thermal Monitor
logo
Extech Instruments Corp...
PM120 EXTECH-PM120 Datasheet
232Kb / 1P
Power Monitor
Rev. 10/17/17
logo
Samsung semiconductor
770TFT SAMSUNG-770TFT Datasheet
1Mb / 43P
Color Monitor
September 1999
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com