Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7532 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEA7532
Description  MONITOR AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7532 Datasheet(HTML) 2 Page - STMicroelectronics

  TEA7532 Datasheet HTML 1Page - STMicroelectronics TEA7532 Datasheet HTML 2Page - STMicroelectronics TEA7532 Datasheet HTML 3Page - STMicroelectronics TEA7532 Datasheet HTML 4Page - STMicroelectronics TEA7532 Datasheet HTML 5Page - STMicroelectronics TEA7532 Datasheet HTML 6Page - STMicroelectronics TEA7532 Datasheet HTML 7Page - STMicroelectronics TEA7532 Datasheet HTML 8Page - STMicroelectronics TEA7532 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PIN DESCRIPTION
N
°
Symbol
Description
1
ADJ
Adjust Internal Reference VLS
2
ALADJ
Antilarsen Adjustement
3
ADS
Antidistortion
4VLS
Supply
5
MIC1
Microphone Input
6
MIC2
Microphone input
7
FAL
Antilarsen Filter
8
TC1
Antilarsen Time Constant
9
INP
Input Signal
10
LS1
Output Loudspeaker 1
11
VREF
Internal Resistance
12
LS2
Output Loudspeaker 2
13
GND
Ground
14
15
16
PG0
PG1
ON/OFF
Inputs Program Level to Loudspeaker
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Top
Temperature Range
–5 to + 45
°C
VLS
Supply Voltage
6
V
ILS
Supply Current
for T > 300ms
for T
≤ 300ms
90
150
mA
mA
VL
Voltage Level (pins, PG0, PG1, on/off)
0.6 > to VS + 0.6
V
TEA7532
2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com