Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH636 Datasheet (PDF) - Vishay Siliconix

SFH636 Datasheet PDF - Vishay Siliconix
Part # SFH636
Download  SFH636 Download
File Size   136.6 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, High Speed Phototransistor Output, 1 Mbd, 10 kV/ms CMR, Split Collector Transistor Output

SFH636 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH636 Datasheet PDF - Vishay Siliconix

Part # SFH636
Download  SFH636 Click to download

File Size   136.6 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, High Speed Phototransistor Output, 1 Mbd, 10 kV/ms CMR, Split Collector Transistor Output

SFH636 Datasheet (HTML) - Vishay Siliconix


SFH636 Product details

DESCRIPTION
The SFH636 is an optocoupler with a GaAlAs infrared emitting diode, optically coupled to an integrated photo detector consisting of a photo diode and a high speed transistor in a DIP-6 plastic package. The device is functionally similar to 6N136 except there is no base connection and the foot print is different. Noise and common mode rejection performance is enhanced by not bringing out the base connection.

FEATURES
• High CMR of 10 kV/μs
• High speed optocoupler without base connection
• GaAlAs emitter
• Integrated detector with photo diode and transistor
• TTL and CMOS compatible
• Open collector output
• Supply voltage up to 30 V
• High CTR
• Good CTR linearity relative to forward current
• Low coupling capacitance
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• IGBT drivers and MOSFET driver stages
• Data communications
• Programmable controllers
• IPM drivers




Similar Part No. - SFH636

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH636 SIEMENS-SFH636 Datasheet
38Kb / 3P
HIGH SPEED 5.3 kV OPTOCOUPLER
logo
Vishay Siliconix
SFH636 VISHAY-SFH636 Datasheet
202Kb / 11P
High Speed Optocoupler, 1 MBd, Transistor Output
30-Sep-2019
SFH636-X001 VISHAY-SFH636-X001 Datasheet
202Kb / 11P
High Speed Optocoupler, 1 MBd, Transistor Output
30-Sep-2019
SFH636-X007T VISHAY-SFH636-X007T Datasheet
202Kb / 11P
High Speed Optocoupler, 1 MBd, Transistor Output
30-Sep-2019
SFH636-X016 VISHAY-SFH636-X016 Datasheet
202Kb / 11P
High Speed Optocoupler, 1 MBd, Transistor Output
30-Sep-2019
More results


Similar Description - SFH636

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
High Speed Optocoupler, 1 MBd, Transistor Output
27-Apr-04
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
High Speed Optocoupler, 1 MBd, Transistor Output
20-Nov-03
SFH6345 VISHAY-SFH6345_08 Datasheet
182Kb / 8P
High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
18-Feb-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
10-Jan-08
SFH6326-X007T VISHAY-SFH6326-X007T Datasheet
174Kb / 7P
High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
06-Jul-11
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
02-Nov-15
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
High Speed Optocoupler, 1 MBd, Transistor Output
20-Sep-2021
SFH6326 VISHAY-SFH6326_V01 Datasheet
185Kb / 7P
High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
15-Nov-2021
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
High Speed Optocoupler, 1 MBd, Transistor Output
10-Nov-2021
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
High Speed Optocoupler, 1 MBd, Transistor Output
30-Sep-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com