Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH636 Datasheet (PDF) - Siemens Semiconductor Group

SFH636 Datasheet PDF - Siemens Semiconductor Group
Part # SFH636
Download  SFH636 Download
File Size   38.36 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description HIGH SPEED 5.3 kV OPTOCOUPLER

SFH636 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH636 Datasheet PDF - Siemens Semiconductor Group

Part # SFH636
Download  SFH636 Click to download

File Size   38.36 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description HIGH SPEED 5.3 kV OPTOCOUPLER

SFH636 Datasheet (HTML) - Siemens Semiconductor Group


SFH636 Product details

DESCRIPTION
The SFH636 is an optocoupler with a GaAlAs infrared emitting diode, optically coupled to an integrated photodetector consisting of a photodiode and a high speed transistor in a DIP-6 plastic package. The device is functionally similar to 6N136 except there is no base connection, and the electrical foot print is different. Noise and dv/dt performance is enhanced by not bringing out the base connection.

FEATURES
• High Speed Optocoupler without Base Connection
• GaAlAs Emitter
• Integrated Detector with Photodiode and Transistor
• High Data Transmission Rate: 1 MBit/s
• TTL Compatible
• Open Collector Output
• CTR at IF=16 mA, VO=0.4 V, VCC=4.5 V, TA=25°C: ≥19%
• Good CTR Linearity Relative to Forward Current
• Field Effect Stable by TRIOS® (TRansparent IOn Shield)
• Low Coupling Capacitance
• dV/dt: typ. 10 kV/µs
• Isolation Test Voltage: 5300 VACRMS
• VDE 0884 Available with Option 1
• UL Approval, File #E52744

APPLICATIONS
• IGBT Drivers
• Data Communications
• Programmable Controllers




Similar Part No. - SFH636

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH636 VISHAY-SFH636 Datasheet
136Kb / 8P
Optocoupler, High Speed Phototransistor Output, 1 Mbd, 10 kV/ms CMR, Split Collector Transistor Output
11-Jan-08
SFH636 VISHAY-SFH636 Datasheet
202Kb / 11P
High Speed Optocoupler, 1 MBd, Transistor Output
30-Sep-2019
SFH636-X001 VISHAY-SFH636-X001 Datasheet
202Kb / 11P
High Speed Optocoupler, 1 MBd, Transistor Output
30-Sep-2019
SFH636-X006 VISHAY-SFH636-X006 Datasheet
136Kb / 8P
Optocoupler, High Speed Phototransistor Output, 1 Mbd, 10 kV/ms CMR, Split Collector Transistor Output
11-Jan-08
SFH636-X007 VISHAY-SFH636-X007 Datasheet
136Kb / 8P
Optocoupler, High Speed Phototransistor Output, 1 Mbd, 10 kV/ms CMR, Split Collector Transistor Output
11-Jan-08
More results


Similar Description - SFH636

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6135 VISHAY-SFH6135 Datasheet
448Kb / 4P
HIGH-SPEED 5.3 kV TRIOS OPTOCOUPLER
17-August-01
SFH618A VISHAY-SFH618A Datasheet
473Kb / 4P
Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
17-August-01
logo
Siemens Semiconductor G...
6N135 SIEMENS-6N135 Datasheet
85Kb / 3P
HIGH-SPEED 2.5 kV TRIOS OPTOCOUPLER
SFH6016 SIEMENS-SFH6016 Datasheet
206Kb / 5P
5.3 KV TRIOS OPTOCOUPLER HIGH RELIABILITY
SFH608 SIEMENS-SFH608 Datasheet
103Kb / 3P
PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER
SFH620A SIEMENS-SFH620A Datasheet
93Kb / 3P
5.3 kV TRIOS OPTOCOUPLER AC VOLTAGE INPUT
SFH620AA SIEMENS-SFH620AA Datasheet
74Kb / 3P
5.3 kV TRIOS Optocoupler AC Voltage Input
SFH6345 SIEMENS-SFH6345 Datasheet
35Kb / 3P
HIGH SPEED 5.3 kV OPTOCOUPLER
SFH640 SIEMENS-SFH640 Datasheet
90Kb / 3P
PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
logo
Infineon Technologies A...
SFH610A INFINEON-SFH610A Datasheet
426Kb / 3P
5.3 kV TRIOS Optocoupler High Reliability
March 27, 2000-00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com