Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH6345 Datasheet (PDF) - Siemens Semiconductor Group

SFH6345 Datasheet PDF - Siemens Semiconductor Group
Part # SFH6345
Download  SFH6345 Download
File Size   35.06 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description HIGH SPEED 5.3 kV OPTOCOUPLER

SFH6345 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH6345 Datasheet PDF - Siemens Semiconductor Group

Part # SFH6345
Download  SFH6345 Click to download

File Size   35.06 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description HIGH SPEED 5.3 kV OPTOCOUPLER

SFH6345 Datasheet (HTML) - Siemens Semiconductor Group


SFH6345 Product details

DESCRIPTION
The SFH6345 is an optocoupler with a GaAlAs infrared emitting diode, optically coupled to an integrated photodetector consisting of a photodiode and a high speed transistor in a DIP-8 plastic package. The device is similar to the 6N135 but has an additional Faraday shield on the detector which enhances the input-output dv/dt immunity.

FEATURES
• Direct Replacement for HCPL4503
• High Speed Optocoupler without Base Connection
• GaAlAs Emitter
• Integrated Detector with Photodiode and Transistor
• High Data Transmission Rate: 1 MBit/s
• TTL Compatible
• Open Collector Output
• CTR at IF=16 mA, VO=0.4 V, VCC=4.5 V, TA=25°C: ≥19%
• Good CTR Linearity Relative to Forward Current
• Field Effect Stable
• Low Coupling Capacitance
• Very High Common Mode Transient Immunity dV/dt: ≥15 kV/µs at VCM=1500 V
• Insulation Test Voltage: 5300 VACPK
• • VDE 0884 Available with Option 1
• UL Approval, File #E52744

APPLICATIONS
• Data Communications
• IGBT Drivers
• Programmable Controllers




Similar Part No. - SFH6345

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6345 VISHAY-SFH6345 Datasheet
182Kb / 8P
High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
18-Feb-08
SFH6345 VISHAY-SFH6345 Datasheet
178Kb / 7P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
09-Mar-12
SFH6345 VISHAY-SFH6345 Datasheet
178Kb / 7P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
09-Mar-12
SFH6345 VISHAY-SFH6345 Datasheet
210Kb / 10P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
03-Aug-15
SFH6345 VISHAY-SFH6345 Datasheet
214Kb / 10P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
26-Jul-2019
More results


Similar Description - SFH6345

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6135 VISHAY-SFH6135 Datasheet
448Kb / 4P
HIGH-SPEED 5.3 kV TRIOS OPTOCOUPLER
17-August-01
SFH618A VISHAY-SFH618A Datasheet
473Kb / 4P
Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
17-August-01
logo
Siemens Semiconductor G...
6N135 SIEMENS-6N135 Datasheet
85Kb / 3P
HIGH-SPEED 2.5 kV TRIOS OPTOCOUPLER
SFH6016 SIEMENS-SFH6016 Datasheet
206Kb / 5P
5.3 KV TRIOS OPTOCOUPLER HIGH RELIABILITY
SFH608 SIEMENS-SFH608 Datasheet
103Kb / 3P
PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER
SFH620A SIEMENS-SFH620A Datasheet
93Kb / 3P
5.3 kV TRIOS OPTOCOUPLER AC VOLTAGE INPUT
SFH620AA SIEMENS-SFH620AA Datasheet
74Kb / 3P
5.3 kV TRIOS Optocoupler AC Voltage Input
SFH636 SIEMENS-SFH636 Datasheet
38Kb / 3P
HIGH SPEED 5.3 kV OPTOCOUPLER
SFH640 SIEMENS-SFH640 Datasheet
90Kb / 3P
PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
logo
Infineon Technologies A...
SFH610A INFINEON-SFH610A Datasheet
426Kb / 3P
5.3 kV TRIOS Optocoupler High Reliability
March 27, 2000-00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com