Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P16 Datasheet (PDF) - Vishay Siliconix

P16 Datasheet PDF - Vishay Siliconix
Part # P16
Download  P16 Download
File Size   127.64 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Knob Potentiometer

P16 Datasheet (PDF)

Go To PDF Page Download Datasheet
P16 Datasheet PDF - Vishay Siliconix

Part # P16
Download  P16 Click to download

File Size   127.64 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Knob Potentiometer

P16 Datasheet (HTML) - Vishay Siliconix


P16 Product details

The P16 is a revolutionary concept in panel mounted potentiometers. This unique design consists of a knob driving and incorporating a cermet potentiometer. Only the mounting hardware and terminals are situated on the back side of the panel reducing to a minimum the required clearance.

FEATURES
• Test according to CECC 41000 or IEC 60393-1
• P16 - version for professional and industrial applications (cermet) 1 W at 40 °C
• PA16 - version for professional audio applications (conductive plastic) 0.5 W at 40 °C
• Compact (integrated)
• High dielectric strength: 2500 VRMS
• Fully sealed and panel sealed
• Metallic or plastic knob options
• Custom knob on request
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912




Similar Part No. - P16

ManufacturerPart #DatasheetDescription
logo
Semikron International
P16 SEMIKRON-P16 Datasheet
904Kb / 4P
For all isolated power modules
logo
Vishay Siliconix
P16 VISHAY-P16 Datasheet
134Kb / 5P
Knob Potentiometer
19-Mar-12
P16 VISHAY-P16 Datasheet
115Kb / 5P
Knob Potentiometer
17-Nov-17
P16 VISHAY-P16 Datasheet
245Kb / 7P
Knob Potentiometer
14-Dec-2022
P16 VISHAY-P16 Datasheet
169Kb / 3P
Custom Capabilities Position Sensors and Variable Resistors
06-Oct-16
More results


Similar Description - P16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P16NM472MAB15 VISHAY-P16NM472MAB15 Datasheet
134Kb / 5P
Knob Potentiometer
19-Mar-12
PA16NP103MAB15 VISHAY-PA16NP103MAB15 Datasheet
134Kb / 5P
Knob Potentiometer
19-Mar-12
logo
List of Unclassifed Man...
45KN015-GRX ETC1-45KN015-GRX Datasheet
77Kb / 1P
Knob
45KN024-GRX ETC1-45KN024-GRX Datasheet
83Kb / 1P
Knob
45KN026-GRX ETC1-45KN026-GRX Datasheet
75Kb / 1P
Knob
450-2037-GRX ETC2-450-2037-GRX Datasheet
87Kb / 1P
Knob
logo
Vishay Siliconix
P16S VISHAY-P16S Datasheet
106Kb / 5P
Knob Potentiometer with Switch
24-Sep-15
P16 VISHAY-P16 Datasheet
115Kb / 5P
Knob Potentiometer
17-Nov-17
P16S VISHAY-P16S_V01 Datasheet
101Kb / 5P
Knob Potentiometer With Switch
25-Jul-2022
P16 VISHAY-P16_V01 Datasheet
245Kb / 7P
Knob Potentiometer
14-Dec-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com