Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P16 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P16
Description  Knob Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P16 Datasheet(HTML) 2 Page - Vishay Siliconix

  P16 Datasheet HTML 1Page - Vishay Siliconix P16 Datasheet HTML 2Page - Vishay Siliconix P16 Datasheet HTML 3Page - Vishay Siliconix P16 Datasheet HTML 4Page - Vishay Siliconix P16 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51036
128
See also: Application Notes
Revision: 19-Dec-07
P16, PA16
Vishay Sfernice
Knob Potentiometer
ELECTRICAL SPECIFICATIONS
P16
PA16
Resistive Element
cermet
conductive plastic
Electrical Travel
270° ± 10°
270° ± 10°
Power Rating Chart
Circuit Diagram
Resistance Laws
Resistance Range
linear law
22
Ω to 10 MΩ
1 k
Ω to 1 MΩ
logarithmic laws
100
Ω to 2.2 MΩ
470
Ω to 500 kΩ
Standard Series E3
1 - 2.2 - 4.7 and on request 1 - 2 - 5
1 - 2.2 - 4.7
Tolerance
standard
± 20 %
± 20 %
on request
± 10 %
± 10 % (1 k
Ω to 100 kΩ)
Power Rating
linear
1 W at + 40 °C
0.5 W at + 40 °C
logarithmic
0.5 W at + 40 °C
0.25 W at + 40 °C
Temperature Coefficient (Typical)
± 150 ppm/°C
± 1000 ppm/°C
Dielectric Strength (RMS)
2500 V
2500 V
Limiting Element Voltage (Linear Law)
350 V
350 V
Insulation Resistance (500 VDC)
≥ 104 M
Ω
≥ 104 M
Ω
Contact Resistance Variation
3 % Rn or 3
Ω
2 % Rn or 3
Ω
End Resistance (Typical)
1
Ω
1
Ω
Insulation Resistance (500 VDC)
106 M
Ω
106 M
Ω
0
40
140
0.50
0
AMBIENT TEMPERATURE IN °C
60
20
100
80
P16
LIN. LAW “A”
”
P16
LOG. LAWS “L & F”
1.00
NM
0.75
1.25
0.25
120
NM
NP
NP
& PA16
LIN. LAW
PA16
LOG. LAWS
a
c
b
cw
(2)
(3)
(1)
100
80
60
40
20
0
0
100
80
60
40
20
% CLOCKWISE SHAFT ROTATION
F
L
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com