Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS820 Datasheet (PDF) - STMicroelectronics

TS820 Datasheet PDF - STMicroelectronics
Part # TS820
Download  TS820 Download
File Size   162.5 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8A SCRs

TS820 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS820 Datasheet PDF - STMicroelectronics

Part # TS820
Download  TS820 Click to download

File Size   162.5 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8A SCRs

TS820 Datasheet (HTML) - STMicroelectronics


TS820 Product details

DESCRIPTION

Available either in sensitive (TS8) or standard (TN8 / TYN) gate triggering levels, the 8A SCR

series is suitable to fit all modes of control, found in applications such as overvoltage crowbar

protection, motor control circuits in power tools and kitchen aids, inrush current limiting circuits,

capacitive discharge ignition and voltage regulation circuits...

Available in through-hole or surface-mount packages, they provide an optimized performance

in a limited space area.




Similar Part No. - TS820

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS820 STMICROELECTRONICS-TS820 Datasheet
153Kb / 12P
Sensitive and standard 8 A SCRs
22-Jan-2010
TS820 STMICROELECTRONICS-TS820 Datasheet
160Kb / 13P
Sensitive and standard 8 A SCRs
10-Oct-2011
logo
HAOPIN MICROELECTRONICS...
TS820 HAOPIN-TS820 Datasheet
420Kb / 5P
Blocking voltage to 800 V
logo
STMicroelectronics
TS820-600B STMICROELECTRONICS-TS820-600B Datasheet
160Kb / 13P
Sensitive and standard 8 A SCRs
10-Oct-2011
logo
Kersemi Electronic Co.,...
TS820-600B KERSEMI-TS820-600B Datasheet
486Kb / 9P
8A SCR
More results


Similar Description - TS820

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
STMicroelectronics
TN8 STMICROELECTRONICS-TN8_06 Datasheet
125Kb / 10P
8A SCRS
13-Feb-2006
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
logo
Tiger Electronic Co.,Lt...
TS820-600B-TR TGS-TS820-600B-TR Datasheet
102Kb / 1P
8A SCRs
TS820-600T TGS-TS820-600T Datasheet
98Kb / 1P
8A SCRs
logo
Nell Semiconductor Co.,...
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
Sensitive and Standard SCRs, 8A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
Sensitive and Standard SCRs, 8A
logo
Kersemi Electronic Co.,...
TN805-600B-TR KERSEMI-TN805-600B-TR Datasheet
487Kb / 9P
8A SCRs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com