Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS820 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS820
Description  8A SCRs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS820 Datasheet(HTML) 1 Page - STMicroelectronics

  TS820 Datasheet HTML 1Page - STMicroelectronics TS820 Datasheet HTML 2Page - STMicroelectronics TS820 Datasheet HTML 3Page - STMicroelectronics TS820 Datasheet HTML 4Page - STMicroelectronics TS820 Datasheet HTML 5Page - STMicroelectronics TS820 Datasheet HTML 6Page - STMicroelectronics TS820 Datasheet HTML 7Page - STMicroelectronics TS820 Datasheet HTML 8Page - STMicroelectronics TS820 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
®
TN8, TS8 and TYNx08 Series
SENSITIVE & STANDARD
8A SCRs
April 2002 - Ed: 4A
MAIN FEATURES:
DESCRIPTION
Available either in sensitive (TS8) or standard
(TN8 / TYN) gate triggering levels, the 8A SCR
series is suitable to fit all modes of control, found
in applications such as overvoltage crowbar
protection, motor control circuits in power tools
and kitchen aids, inrush current limiting circuits,
capacitive
discharge
ignition
and
voltage
regulation circuits...
Available
in
through-hole
or
surface-mount
packages, they provide an optimized performance
in a limited space area.
Symbol
Value
Unit
IT(RMS)
8A
VDRM/VRRM
600 to 1000
V
IGT
0.2 to 15
mA
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
Tc = 110°C
8
A
IT(AV)
Average on-state current (180° conduction angle)
Tc = 110°C
5
A
TS8/TN8
TYN
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
73
100
A
tp = 10 ms
70
95
I
²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
24.5
45
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage (for TN8 & TYN only)
5
V
A
K
G
A
G
A
K
DPAK
(TS8-B)
(TN8-B)
A
A
K
G
IPAK
(TS8-H)
(TN8-H)
A
A
K
G
G
A
A
K
TO-220AB
(TS8-T)
TO-220AB
(TYNx)


Similar Part No. - TS820

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS820 STMICROELECTRONICS-TS820 Datasheet
153Kb / 12P
Sensitive and standard 8 A SCRs
22-Jan-2010
TS820 STMICROELECTRONICS-TS820 Datasheet
160Kb / 13P
Sensitive and standard 8 A SCRs
10-Oct-2011
logo
HAOPIN MICROELECTRONICS...
TS820 HAOPIN-TS820 Datasheet
420Kb / 5P
Blocking voltage to 800 V
logo
STMicroelectronics
TS820-600B STMICROELECTRONICS-TS820-600B Datasheet
160Kb / 13P
Sensitive and standard 8 A SCRs
10-Oct-2011
logo
Kersemi Electronic Co.,...
TS820-600B KERSEMI-TS820-600B Datasheet
486Kb / 9P
8A SCR
More results

Similar Description - TS820

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
STMicroelectronics
TN8 STMICROELECTRONICS-TN8_06 Datasheet
125Kb / 10P
8A SCRS
13-Feb-2006
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
logo
Tiger Electronic Co.,Lt...
TS820-600B-TR TGS-TS820-600B-TR Datasheet
102Kb / 1P
8A SCRs
TS820-600T TGS-TS820-600T Datasheet
98Kb / 1P
8A SCRs
logo
Nell Semiconductor Co.,...
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
Sensitive and Standard SCRs, 8A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
Sensitive and Standard SCRs, 8A
logo
Kersemi Electronic Co.,...
TN805-600B-TR KERSEMI-TN805-600B-TR Datasheet
487Kb / 9P
8A SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com