Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5765 Datasheet (PDF) - Analog Devices

AD5765 Datasheet PDF - Analog Devices
Part # AD5765
Download  AD5765 Download
File Size   307.59 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete Quad, 16-Bit, High Accuracy, Serial Input, 짹5V DACs

AD5765 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5765 Datasheet PDF - Analog Devices

Part # AD5765
Download  AD5765 Click to download

File Size   307.59 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete Quad, 16-Bit, High Accuracy, Serial Input, 짹5V DACs

AD5765 Datasheet (HTML) - Analog Devices


AD5765 Product details

GENERAL DESCRIPTION
The AD5765 is a quad, 16-bit, serial input, bipolar voltage output, digital-to-analog converter (DAC) that operates from supply voltages of ±4.75 V to ±5.25 V. The nominal full-scale output range is ±4.096 V. The AD5765 provides integrated output amplifiers, reference buffers, and proprietary powerup/power-down control circuitry. The part also features a digital I/O port, which is programmed via the serial interface. The part incorporates digital offset nd gain adjustment registers per channel.

FEATURES
   Complete quad, 16-bit digital-to-analog converter (DAC)
   Programmable output range: ±4.096 V, ±4.201 V, or ±4.311 V
   ±1 LSB maximum INL error, ±1 LSB maximum DNL error
   Low noise: 70 nV/√Hz
   Settling time: 10 μs maximum
   Integrated reference buffers
   On-chip die temperature sensor
   Output control during power-up/brownout
   Programmable short-circuit protection
   Simultaneous updating via LDAC
   Asynchronous CLR to zero code
   Digital offset and gain adjustment
   Logic output control pins
   DSP-/microcontroller-compatible serial interface
   Temperature range: −40°C to +105°C
   iCMOS® process technology1
 
APPLICATIONS
   Industrial automation
   Open-/closed-loop servo control
   Process control
   Data acquisition systems
   Automatic test equipment
   Automotive test and measurement
   High accuracy instrumentation




Similar Part No. - AD5765

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5760 AD-AD5760 Datasheet
554Kb / 32P
Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5760 AD-AD5760 Datasheet
599Kb / 28P
System Ready, 18-Bit 짹1 LSB INL
REV. C
AD5760 AD-AD5760 Datasheet
882Kb / 28P
System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5760 AD-AD5760 Datasheet
595Kb / 27P
Voltage Output DAC
4/2018-Rev. E to Rev. F
AD5760ACPZ AD-AD5760ACPZ Datasheet
554Kb / 32P
Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
More results


Similar Description - AD5765

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5764 AD-AD5764 Datasheet
266Kb / 27P
Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
21-Oct-2004
AD5744 AD-AD5744 Datasheet
377Kb / 27P
Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
15-Nov-2004
AD5764R AD-AD5764R Datasheet
1Mb / 32P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5762R AD-AD5762R Datasheet
495Kb / 33P
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
Rev. PrA
AD5763 AD-AD5763 Datasheet
300Kb / 31P
Complete Dual, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
Rev. PrA
AD5764R AD-AD5764R_08 Datasheet
768Kb / 32P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764BSUZ AD-AD5764BSUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy
Rev. F
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com