Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-5 Datasheet (PDF) - Analog Devices

AD9520-5 Datasheet PDF - Analog Devices
Part # AD9520-5
Download  AD9520-5 Download
File Size   1473.09 Kbytes
Page   80 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12 LVPECL/24 CMOS Output Clock Generator

AD9520-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9520-5 Datasheet PDF - Analog Devices

Part # AD9520-5
Download  AD9520-5 Click to download

File Size   1473.09 Kbytes
Page   80 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12 LVPECL/24 CMOS Output Clock Generator

AD9520-5 Datasheet (HTML) - Analog Devices


AD9520-5 Product details

GENERAL DESCRIPTION
The AD9520-51 provides a multioutput clock distribution function with subpicosecond jitter performance, along with an on-chip PLL that can be used with an external VCO.
The AD9520-5 serial interface supports both SPI and I²C ports. An in-package EEPROM, which can be programmed through the serial interface, can store user-defined register settings for power-up and chip reset.
The AD9520-5 features 12 LVPECL outputs in four groups. Any of the 1.6 GHz LVPECL outputs can be reconfigured as two 250 MHz CMOS outputs. If an application requires LVDS drivers instead of LVPECL drivers, refer to the AD9522-5.
Each group of three outputs has a divider that allows both the divide ratio (from 1 to 32) and the phase offset or coarse time delay to be set.
The AD9520-5 is available in a 64-lead LFCSP and can be operated from a single 3.3 V supply. The external VCO can have an operating voltage of up to 5.5 V. A separate output driver power supply can be from 2.375 V to 3.465 V.
The AD9520-5 is specified for operation over the standard industrial range of −40°C to +85°C.

FEATURES
   Low phase noise, phase-locked loop (PLL)
      Optional external 3.3 V/5 V VCO/VCXO to 2.4 GHz
      1 differential or 2 single-ended reference inputs
      Accepts CMOS, LVDS, or LVPECL references to 250 MHz
      Accepts 16.62 MHz to 33.3 MHz crystal for reference input
      Optional reference clock doubler
      Reference monitoring capability
      Automatic/ manual reference holdover and reference
         switchover modes, with revertive switching
      Glitch-free switchover between references
      Automatic recovery from holdover
      Digital or analog lock detect, selectable
      Optional zero delay operation
   Twelve 1.6 GHz LVPECL outputs divided into 4 groups
      Each group of 3 outputs shares a 1-to-32 divider with
         phase delay
      Additive output jitter as low as 225 fs rms
      Channel-to-channel skew grouped outputs < 16 ps
      Each LVPECL output can be configured as 2 CMOS outputs
         (for fOUT ≤ 250 MHz)
   Automatic synchronization of all outputs on power-up
   Manual output synchronization available
   SPI- and I²C-compatible serial control port
   64-lead LFCSP
   Nonvolatile EEPROM stores configuration settings

APPLICATIONS
   Low jitter, low phase noise clock distribution
   Clock generation and translation for SONET, 10Ge, 10GFC,
      Synchronous Ethernet, OTU2/3/4
   Forward error correction (G.710)
   Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
   High performance wireless transceivers
   ATE and high performance instrumentation
   Broadband infrastructures




Similar Part No. - AD9520-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9520-5 AD-AD9520-5 Datasheet
1Mb / 74P
12 LVPECL/24 CMOS Output Clock Generator
10/2016-Rev. A to Rev. B
AD9520-5BCPZ AD-AD9520-5BCPZ Datasheet
1Mb / 74P
12 LVPECL/24 CMOS Output Clock Generator
10/2016-Rev. A to Rev. B
AD9520-5BCPZ-REEL7 AD-AD9520-5BCPZ-REEL7 Datasheet
1Mb / 74P
12 LVPECL/24 CMOS Output Clock Generator
10/2016-Rev. A to Rev. B
AD9520-5 AD-AD9520-5_16 Datasheet
1Mb / 74P
12 LVPECL/24 CMOS Output Clock Generator
10/2016-Rev. A to Rev. B
More results


Similar Description - AD9520-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9520-4 AD-AD9520-4 Datasheet
1Mb / 84P
12 LVPECL/24 CMOS Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9522-5 AD-AD9522-5 Datasheet
1Mb / 76P
12 LVDS/24 CMOS Output Clock Generator
REV. 0
AD9522-5 AD-AD9522-5_15 Datasheet
1Mb / 74P
12 LVDS/24 CMOS Output Clock Generator
3/15-Rev. 0 to Rev. A
AD9520-0 AD-AD9520-0_16 Datasheet
1Mb / 80P
12 LVPECL/24 CMOS Output Clock Generator
9/2016-Rev. A to Rev. B
AD9520-1 AD-AD9520-1_16 Datasheet
1Mb / 80P
12 LVPECL/24 CMOS Output Clock Generator
10/2016-Rev. A to Rev. B
AD9520-2 AD-AD9520-2_16 Datasheet
1Mb / 80P
12 LVPECL/24 CMOS Output Clock Generator
10/2016-Rev. A to Rev. B
AD9520-3 AD-AD9520-3_16 Datasheet
1Mb / 80P
12 LVPECL/24 CMOS Output Clock Generator
9/2016-Rev. A to Rev. B
AD9520-4 AD-AD9520-4_16 Datasheet
1Mb / 80P
12 LVPECL/24 CMOS Output Clock Generator
10/2016-Rev. A to Rev. B
AD9520-5 AD-AD9520-5_16 Datasheet
1Mb / 74P
12 LVPECL/24 CMOS Output Clock Generator
10/2016-Rev. A to Rev. B
AD9522-0 AD-AD9522-0_15 Datasheet
1Mb / 84P
12 LVDS/24 CMOS Output Clock Generator
3/15-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com