Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431 Datasheet (PDF) - STMicroelectronics

TS431 Datasheet PDF - STMicroelectronics
Part # TS431
Download  TS431 Download
File Size   141.74 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE

TS431 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS431 Datasheet PDF - STMicroelectronics

Part # TS431
Download  TS431 Click to download

File Size   141.74 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE

TS431 Datasheet (HTML) - STMicroelectronics


TS431 Product details

Description

The TS431 is a low-voltage, three-terminal, programmable shunt voltage reference. The output voltage can be set to any value between Vref (1.24V) and 6V with two external resistors.



Features

■ Low voltage operation: 1.24 to 6V

■ 2%, 1% and 0.5% voltage precision

■ Wide operating range cathode current: 60µA to 30mA

■ Low output impedance: 0.2Ω

■ Typically stable for any capacitive loads

■ ESD protection:

– Human body model: 2kV

– Machine model: 200V

■ 100ppm/°C temperature coefficient




Similar Part No. - TS431

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS431 TSC-TS431 Datasheet
216Kb / 8P
Adjustable Precision Shunt Regulator
logo
STMicroelectronics
TS431 STMICROELECTRONICS-TS431 Datasheet
128Kb / 12P
Low voltage adjustable shunt reference
30-Aug-2007
logo
Taiwan Semiconductor Co...
TS431-Z TSC-TS431-Z Datasheet
552Kb / 10P
Adjustable Precision Shunt Regulator
TS431-Z TSC-TS431-Z_14 Datasheet
573Kb / 10P
Adjustable Precision Shunt Regulator
TS431A TSC-TS431A Datasheet
216Kb / 8P
Adjustable Precision Shunt Regulator
More results


Similar Description - TS431

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
Dec-2002
logo
List of Unclassifed Man...
AMC431 ETC2-AMC431 Datasheet
174Kb / 11P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
Texas Instruments
TS432 TI-TS432_08 Datasheet
184Kb / 11P
1.24 V adjustable shunt voltage reference
logo
STMicroelectronics
TS431 STMICROELECTRONICS-TS431_07 Datasheet
128Kb / 12P
Low voltage adjustable shunt reference
30-Aug-2007
TS432 STMICROELECTRONICS-TS432_08 Datasheet
184Kb / 11P
1.24 V adjustable shunt voltage reference
07-Apr-2008
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
Precision adjustable shunt voltage reference
VER 1.2
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
Precision adjustable shunt voltage reference
VER 1.4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com