Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS482 Datasheet (PDF) - STMicroelectronics

TS482 Datasheet PDF - STMicroelectronics
Part # TS482
Download  TS482 Download
File Size   597.92 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100mW STEREO HEADPHONE AMPLIFIER

TS482 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS482 Datasheet PDF - STMicroelectronics

Part # TS482
Download  TS482 Click to download

File Size   597.92 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100mW STEREO HEADPHONE AMPLIFIER

TS482 Datasheet (HTML) - STMicroelectronics


TS482 Product details

Description
The TS482 is a dual audio power amplifier able to drive a 16 or 32Ω stereo headset down to low voltages.
   
■ Operating from Vcc=2V to 5.5V
■ 100mW into 16Ω at 5V
■ 38mW into 16Ω at 3.3V
■ 11.5mW into 16Ωat 2V
■ Switch ON/OFF click reduction circuitry
■ High power supply rejection ratio: 85dB at 5V
■ High signal-to-noise ratio: 110dB(A) at 5V
■ High crosstalk immunity: 100dB (F=1kHz)
■ Rail-to-rail input and output
■ Unity-gain stable
■ Available in SO-8, MiniSO-8 & DFN8
   
Applications
■ Stereo headphone amplifier
■ Optical storage
■ Computer motherboard
■ PDA, organizers & notebook computers
■ High-end TV, set-top box, DVD players
■ Sound cards
   




Similar Part No. - TS482

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS482 STMICROELECTRONICS-TS482 Datasheet
608Kb / 26P
100mW Stereo Headphone Amplifier
Nov-2005
TS482ID STMICROELECTRONICS-TS482ID Datasheet
608Kb / 26P
100mW Stereo Headphone Amplifier
Nov-2005
TS482IDT STMICROELECTRONICS-TS482IDT Datasheet
608Kb / 26P
100mW Stereo Headphone Amplifier
Nov-2005
TS482IQT STMICROELECTRONICS-TS482IQT Datasheet
608Kb / 26P
100mW Stereo Headphone Amplifier
Nov-2005
TS482IST STMICROELECTRONICS-TS482IST Datasheet
608Kb / 26P
100mW Stereo Headphone Amplifier
Nov-2005
More results


Similar Description - TS482

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS486 STMICROELECTRONICS-TS486 Datasheet
1Mb / 31P
100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
Jun-2003
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
Headphone Stereo Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
Stereo Headphone Amplifier
logo
STMicroelectronics
TS482 STMICROELECTRONICS-TS482_05 Datasheet
608Kb / 26P
100mW Stereo Headphone Amplifier
Nov-2005
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
DIRECTPATH??Stereo Headphone Amplifier
logo
Anpec Electronics Corop...
APA2178 ANPEC-APA2178 Datasheet
612Kb / 30P
100mW Stereo Cap-Free Headphone Driver
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
Stereo Headphone Amplifier
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
Advanced Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com