Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2178 Datasheet (PDF) - Anpec Electronics Coropration

APA2178 Datasheet PDF - Anpec Electronics Coropration
Part # APA2178
Download  APA2178 Download
File Size   612.77 Kbytes
Page   30 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 100mW Stereo Cap-Free Headphone Driver

APA2178 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA2178 Datasheet PDF - Anpec Electronics Coropration

Part # APA2178
Download  APA2178 Click to download

File Size   612.77 Kbytes
Page   30 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 100mW Stereo Cap-Free Headphone Driver

APA2178 Datasheet (HTML) - Anpec Electronics Coropration


APA2178 Product details

General Description
The APA2178 is a stereo, fixed gain, Cap-Free headphone driver which is available in a WLCSP2x2-16 package.
The APA2178 is a ground-reference output, and doesn’t need the output capacitors for DC blocking. The advantages of eliminating the output capacitor are saving the cost, PCB’s space, and component height.
The built-in gain setting can minimize the external component counts and save the PCB space. High PSRR provides increased immunity to noise and RF rectification. In addition to these features, a fast startup time and small package size make the APA2178 an ideal choice for portable multimedia device.

Features
• No Output Capacitor Required
• Operating Voltage: 1.8V~4.5V
• Supply Current
    – IDD=5mA at VDD=3.3V
• Low Shutdown Current
    – IDD=1mA at VDD=3.3V
• Meeting VISTA Requirements
• Output Power at 1% THD+N
    – 70mW, at VDD=3.3V, RL = 16W at 10% THD+N
    – 100mW, at VDD=3.3V, RL = 16W
• Less External Components Required
• High PSRR: 78dB at 217Hz
• Short-Circuit and Thermal Protection
• ± 8KV ESD Performance
• Surface-Mount Packaging
    – WLCSP2x2-16
• Lead Free and Green Devices Available (RoHS Compliant)

Applications
• Handsets
• PDAs
• Portable multimedia devices
• Notebooks




Similar Part No. - APA2178

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2171 ANPEC-APA2171 Datasheet
376Kb / 21P
Stereo, Differential Input Cap-Free Line Driver
APA2171KI-TRG ANPEC-APA2171KI-TRG Datasheet
376Kb / 21P
Stereo, Differential Input Cap-Free Line Driver
APA2171OI-TRG ANPEC-APA2171OI-TRG Datasheet
376Kb / 21P
Stereo, Differential Input Cap-Free Line Driver
APA2172 ANPEC-APA2172 Datasheet
417Kb / 22P
Stereo, Differential Input Cap-Free Line Driver
APA2172KI-TRG ANPEC-APA2172KI-TRG Datasheet
417Kb / 22P
Stereo, Differential Input Cap-Free Line Driver
More results


Similar Description - APA2178

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS482 STMICROELECTRONICS-TS482 Datasheet
597Kb / 24P
100mW STEREO HEADPHONE AMPLIFIER
Jun-2003
TS482 STMICROELECTRONICS-TS482_05 Datasheet
608Kb / 26P
100mW Stereo Headphone Amplifier
Nov-2005
logo
Anpec Electronics Corop...
APA2174 ANPEC-APA2174 Datasheet
417Kb / 21P
Stereo Cap-Free Line Driver
APA2175 ANPEC-APA2175 Datasheet
367Kb / 19P
Stereo Cap-Free Line Driver
APA2176 ANPEC-APA2176 Datasheet
572Kb / 28P
270mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177 Datasheet
417Kb / 20P
25mW Stereo Cap-Free Headphone Driver
APA2180 ANPEC-APA2180 Datasheet
593Kb / 22P
Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2181 ANPEC-APA2181 Datasheet
583Kb / 21P
Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177_17 Datasheet
355Kb / 22P
25mW Stereo Cap-Free Headphone Driver
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com