Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2178 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA2178
Description  100mW Stereo Cap-Free Headphone Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2178 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA2178 Datasheet HTML 2Page - Anpec Electronics Coropration APA2178 Datasheet HTML 3Page - Anpec Electronics Coropration APA2178 Datasheet HTML 4Page - Anpec Electronics Coropration APA2178 Datasheet HTML 5Page - Anpec Electronics Coropration APA2178 Datasheet HTML 6Page - Anpec Electronics Coropration APA2178 Datasheet HTML 7Page - Anpec Electronics Coropration APA2178 Datasheet HTML 8Page - Anpec Electronics Coropration APA2178 Datasheet HTML 9Page - Anpec Electronics Coropration APA2178 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2009
www.anpec.com.tw
6
APA2178
Electrical Characteristics (Cont.)
APA2178
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD=1.8V, TA=25°
C (CONT.)
fin = 1kHz
PO = 1.3mW, RL = 32
Ω
80
VO = 0.12Vrms, RL = 300
Ω
85
Crosstalk
Channel separation
VO = 0.12Vrms, RL = 10k
Ω
-
90
-
dB
With A-weighting Filter
PO = 9mW, RL = 32
Ω
95
S/N
Signal-to-Noise Ratio
VO =1.2Vrms, RL = 10k
Ω
-
95
-
dB
Unless otherwise specified, these specifications apply over V
DD=PVDD=3.3V, VPGND=VGND=0V, and CCPO=CCPF=1µF.
Typical values are at T
A=25
oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com