Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2178 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APA2178
Description  100mW Stereo Cap-Free Headphone Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2178 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APA2178 Datasheet HTML 9Page - Anpec Electronics Coropration APA2178 Datasheet HTML 10Page - Anpec Electronics Coropration APA2178 Datasheet HTML 11Page - Anpec Electronics Coropration APA2178 Datasheet HTML 12Page - Anpec Electronics Coropration APA2178 Datasheet HTML 13Page - Anpec Electronics Coropration APA2178 Datasheet HTML 14Page - Anpec Electronics Coropration APA2178 Datasheet HTML 15Page - Anpec Electronics Coropration APA2178 Datasheet HTML 16Page - Anpec Electronics Coropration APA2178 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2009
www.anpec.com.tw
13
APA2178
Crosstalk vs. Frequency
Output Noise Voltage vs. Frequency
THD+N vs. Output Voltage
THD+N vs. Output Power
Typical Operating Characteristics (Cont.)
THD+N vs. Output Power
THD+N vs. Frequency
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100
1k
10k
Frequency (Hz)
V
DD=3.3V
R
L=10kΩ
C
in=1µF
V
O=0.23Vrms
BW<80kHz
Left to Right
Right to Left
0.01
10
0.1
1
1m
60m
10m
Output Power (W)
V
DD=1.8V
R
L=32Ω
C
in=1µF
BW<80kHz
f
in=1kHz
f
in=20Hz
f
in=20kHz
Output Power (W)
0.01
10
0.1
1
0
36m
6m
12m
18m
24m
30m
V
DD=1.8V
f
in=1kHz
R
L=32Ω
C
in=1µF
BW<80kHz
Stereo, in
Phase
Stereo, 180o
out of Phase
Mono
0.001
10
0.01
0.1
1
20
20k
100
1k
10k
Frequency (Hz)
V
DD=1.8V
R
L=32Ω
C
in=1µF
P
O=9mW
BW<22kHz
Left Channel
Right Channel
1
µ
50
µ
10
µ
20
20k
100
1k
10k
Frequency (Hz)
V
DD=3.3V
R
L=10kΩ
C
in=1µF
A-Weighting
0.001
10
0.01
0.1
1
0
1.6
400m
800m
1.2
Output Voltage (V)
V
DD=1.8V
f
in=1kHz
C
in=1µF
BW<80kHz
R
L=32Ω
R
L=300Ω
R
L=10kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com