Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2181 Datasheet (PDF) - Anpec Electronics Coropration

APA2181 Datasheet PDF - Anpec Electronics Coropration
Part # APA2181
Download  APA2181 Download
File Size   583.85 Kbytes
Page   21 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low Supply Current, 50mW Stereo Cap-Free Headphone Driver

APA2181 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA2181 Datasheet PDF - Anpec Electronics Coropration

Part # APA2181
Download  APA2181 Click to download

File Size   583.85 Kbytes
Page   21 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Low Supply Current, 50mW Stereo Cap-Free Headphone Driver

APA2181 Datasheet (HTML) - Anpec Electronics Coropration


APA2181 Product details

General Description
The APA2181 is a stereo, fixed gain, single supply, and cap-free headphone driver, which is available in a WLCSP1.6x1.6-12 package.
The APA2181 is ground-reference output, and no need the output capacitors for DC blocking. The advantages of eliminating the output capacitor are saving the cost, eliminating component height, and improving the low frequency response.

Features
• Operating Voltage: 2.3V~5.5V
• Supply Current
    - IDD=1mA at VDD=3.6V
• Low Shutdown Current
    - IDD=5mA at VDD=3.6V
• Ground Reference Output
    - No Output Capacitor Required (for DC Blocking)
    - Save the PCB Space
    - Reduce the BOM Costs
    - Improve the Low Frequency Response
• Output Power 50mW/Ch into 16W at VDD=3.6V
• High PSRR: 80dB at 217Hz
• Fast Start-Up Time: 4ms
• Integrate the De-pop Circuitry
• Thermal Protection
• Integrated LDO (Low Dropout Regulator) for Microphone Detection Circuit (1.9V)
• Surface-Mount Packaging WLCSP1.6x1.6-12
• Lead Free and Green Devices Available (RoHS Compliant)

Applications
• Handsets
• PDAs
• Portable Multimedia Devices
• Notebooks




Similar Part No. - APA2181

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2180 ANPEC-APA2180 Datasheet
593Kb / 22P
Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2180HAI-TRG ANPEC-APA2180HAI-TRG Datasheet
593Kb / 22P
Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2180QBI-TRG ANPEC-APA2180QBI-TRG Datasheet
593Kb / 22P
Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
More results


Similar Description - APA2181

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2178 ANPEC-APA2178 Datasheet
612Kb / 30P
100mW Stereo Cap-Free Headphone Driver
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
STEREO HEADPHONE DRIVER
logo
Anpec Electronics Corop...
APA2174 ANPEC-APA2174 Datasheet
417Kb / 21P
Stereo Cap-Free Line Driver
APA2175 ANPEC-APA2175 Datasheet
367Kb / 19P
Stereo Cap-Free Line Driver
APA2176 ANPEC-APA2176 Datasheet
572Kb / 28P
270mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177 Datasheet
417Kb / 20P
25mW Stereo Cap-Free Headphone Driver
APA2180 ANPEC-APA2180 Datasheet
593Kb / 22P
Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
logo
Integrated Silicon Solu...
IS31AP4912-UTLS2-TR ISSI-IS31AP4912-UTLS2-TR Datasheet
285Kb / 11P
STEREO HEADPHONE DRIVER
logo
Anpec Electronics Corop...
APA2177 ANPEC-APA2177_17 Datasheet
355Kb / 22P
25mW Stereo Cap-Free Headphone Driver
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com