Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9783-EBZ Datasheet (PDF) - Analog Devices

AD9783-EBZ Datasheet PDF - Analog Devices
Part # AD9783-EBZ
Download  AD9783-EBZ Download
File Size   1272.1 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs

AD9783-EBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9783-EBZ Datasheet PDF - Analog Devices

Part # AD9783-EBZ
Download  AD9783-EBZ Click to download

File Size   1272.1 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs

AD9783-EBZ Datasheet (HTML) - Analog Devices


AD9783-EBZ Product details

GENERAL DESCRIPTION

The AD9780/AD9781/AD9783 include pin-compatible, high dynamic range, dual digital-to-analog converters (DACs) with 12-/14-/16-bit resolutions, and sample rates of up to 500 MSPS. The devices include specific features for direct conversion transmit applications, including gain and offset compensation, and they interface seamlessly with analog quadrature modulators such as the ADL5370.

A proprietary, dynamic output architecture permits synthesis of analog outputs even above Nyquist by shifting energy away from the fundamental and into the image frequency. Full programmability is provided through a serial peripheral interface (SPI) port. Some pin-programmable features are also offered for those applications without a controller.



FEATURES

  High dynamic range, dual DAC parts

  Low noise and intermodulation distortion

  Single carrier W-CDMA ACLR = 80 dBc @ 61.44 MHz IF

  Innovative switching output stage permits usable outputs beyond Nyquist frequency

  LVDS inputs with dual-port or optional interleaved single port operation

  Differential analog current outputs are programmable from 8.6 mA to 31.7 mA full scale

  Auxiliary 10-bit current DACs with source/sink capability for external offset nulling

  Internal 1.2 V precision reference voltage source

  Operates from 1.8 V and 3.3 V supplies

  315 mW power dissipation

  Small footprint, RoHS compliant, 72-lead LFCSP



APPLICATIONS

  Wireless infrastructure

  W-CDMA, CDMA2000, TD-SCDMA, WiMAX

  Wideband communications

  LMDS/MMDS, point-to-point

  RF signal generators, arbitrary waveform generators



 




Similar Part No. - AD9783-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9783-DPG2-EBZ AD-AD9783-DPG2-EBZ Datasheet
622Kb / 32P
LVDS Interface, 500 MSPS DACs
8/2017-Rev. B to Rev. C
More results


Similar Description - AD9783-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9734 AD-AD9734_06 Datasheet
1Mb / 72P
10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9734 AD-AD9734_15 Datasheet
1Mb / 72P
10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9735 AD-AD9735_15 Datasheet
1Mb / 72P
10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9736 AD-AD9736_15 Datasheet
1Mb / 72P
10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9780 AD-AD9780_15 Datasheet
937Kb / 32P
Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
AD9781 AD-AD9781_15 Datasheet
937Kb / 32P
Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
AD9783 AD-AD9783_15 Datasheet
937Kb / 32P
Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
logo
Linear Technology
LTC2607 LINER-LTC2607_15 Datasheet
295Kb / 20P
16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
16-/14-/12-Bit VOUT DACs
logo
Analog Devices
AD9780 AD-AD9780_17 Datasheet
622Kb / 32P
LVDS Interface, 500 MSPS DACs
8/2017-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com