Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9783-EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9783-EBZ
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9783-EBZ Datasheet(HTML) 5 Page - Analog Devices

  AD9783-EBZ Datasheet HTML 1Page - Analog Devices AD9783-EBZ Datasheet HTML 2Page - Analog Devices AD9783-EBZ Datasheet HTML 3Page - Analog Devices AD9783-EBZ Datasheet HTML 4Page - Analog Devices AD9783-EBZ Datasheet HTML 5Page - Analog Devices AD9783-EBZ Datasheet HTML 6Page - Analog Devices AD9783-EBZ Datasheet HTML 7Page - Analog Devices AD9783-EBZ Datasheet HTML 8Page - Analog Devices AD9783-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 5 of 36
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 4.
Thermal resistance is tested using a JEDEC standard 4-layer
thermal test board with no airflow.
Parameter
With
Respect to
Rating
AVDD33, DVDD33
AGND, DGND, CGND
−0.3 V to +3.6 V
DVDD18, CVDD18
AGND, DGND, CGND
−0.3 V to +1.98 V
AGND
DGND, CGND
−0.3 V to +0.3 V
DGND
AGND, CGND
−0.3 V to +0.3 V
CGND
AGND, DGND
−0.3 V to +0.3 V
REFIO
AGND
−0.3 V to
AVDD33 + 0.3 V
IOUT1P, IOUT1N,
IOUT2P, IOUT2N,
AUX1P, AUX1N,
AUX2P, AUX2N
AGND
−1.0 V to
AVDD33 + 0.3 V
D15 to D0
DGND
−0.3 V to
DVDD33 + 0.3 V
CLKP, CLKN
CGND
−0.3 V to
CVDD18 + 0.3 V
CSB, SCLK, SDIO, SDO
DGND
–0.3 V to
DVDD33 + 0.3 V
Junction Temperature
+125°C
Storage Temperature
−65°C to +150°C
Table 5.
Package Type
θJA
Unit
CP-72-1 (Exposed Pad Soldered to PCB)
25
°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com