Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9783-EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9783-EBZ
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9783-EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9783-EBZ Datasheet HTML 18Page - Analog Devices AD9783-EBZ Datasheet HTML 19Page - Analog Devices AD9783-EBZ Datasheet HTML 20Page - Analog Devices AD9783-EBZ Datasheet HTML 21Page - Analog Devices AD9783-EBZ Datasheet HTML 22Page - Analog Devices AD9783-EBZ Datasheet HTML 23Page - Analog Devices AD9783-EBZ Datasheet HTML 24Page - Analog Devices AD9783-EBZ Datasheet HTML 25Page - Analog Devices AD9783-EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 22 of 36
Register
Address
Bit
Name
Function
AUXDAC1
0x0D
7:0
AUXDAC1[9:0]
AUXDAC1 output current adjustment word.
0x0E
1:0
0x3FF, sets AUXDAC1 output current to 2.0 mA.
0x200, sets AUXDAC1 output current to 1.0 mA.
0x000, sets AUXDAC1 output current to 0.0 mA.
0x0E
7
AUX1SGN
0, AUX1P output pin is active.
1, AUX1N output pin is active.
6
AUX1DIR
0, configures AUXDAC1 output to source current.
1, configures AUXDAC1 output to sink current.
DAC2 FSC
0x0F
7:0
DAC2FSC[9:0]
DAC2 full-scale 10-bit adjustment word.
0x10
1:0
0x3FF, sets DAC full-scale output current to the maximum value of 31.66 mA.
0x200, sets DAC full-scale output current to the nominal value of 20.0 mA.
0x000, sets DAC full-scale output current to the minimum value of 8.66 mA.
AUXDAC2
0x11
7:0
AUXDAC2[9:0]
AUXDAC2 output current adjustment word.
0x12
1:0
0x3FF, sets AUXDAC2 output current to 2.0 mA.
0x200, sets AUXDAC2 output current to 1.0 mA.
0x000, sets AUXDAC2 output current to 0.0 mA.
0x12
7
AUX2SGN
0, AUX2P output pin is active.
1, AUX2N output pin is active.
6
AUX2DIR
0, configures AUXDAC2 output to source current.
1, configures AUXDAC2 output to sink current.
BIST Control
0x1A
7
BISTEN
1, enables and starts built-in self-test.
6
BISTRD
1, transfers BIST result registers to SPI for readback.
5
BISTCLR
1, reset BIST logic and clear BIST result registers.
BIST Result 1
0x1B
7:0
BISTRES1[15:0]
16-bit result generated by BIST 1.
0x1C
7:0
BIST Result 2
0x1D
7:0
BISTRES2[15:0]
16-bit result generated by BIST 2.
0x1E
7:0
Hardware Version
0x1F
7:4
VERSION[3:0]
Read only register; indicates the version of the chip.
3:0
DEVICE[3:0]
Read only register; indicates the device type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com