Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9783-EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9783-EBZ
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9783-EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9783-EBZ Datasheet HTML 10Page - Analog Devices AD9783-EBZ Datasheet HTML 11Page - Analog Devices AD9783-EBZ Datasheet HTML 12Page - Analog Devices AD9783-EBZ Datasheet HTML 13Page - Analog Devices AD9783-EBZ Datasheet HTML 14Page - Analog Devices AD9783-EBZ Datasheet HTML 15Page - Analog Devices AD9783-EBZ Datasheet HTML 16Page - Analog Devices AD9783-EBZ Datasheet HTML 17Page - Analog Devices AD9783-EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 14 of 36
–90
–50
–55
–60
–65
–70
–75
–80
–85
0
500
400
300
200
100
fOUT (MHz)
0dB
–3dB
Figure 35. AD9783 ACLR for First Adjacent Channel Four-Carrier W-CDMA
Over Digital Input Level Baseband and Mix Modes, at 491.52 MSPS,
FS = 20 mA
–90
–50
–55
–60
–65
–70
–75
–80
–85
0
500
400
300
200
100
fOUT (MHz)
–3dB
0dB
Figure 36. AD9783 ACLR for Second Adjacent Channel Four-Carrier W-CDMA
Over Digital Input Level Baseband and Mix Modes, at 491.52 MSPS,
FS = 20 mA
–90
–50
–55
–60
–65
–70
–75
–80
–85
0
500
400
300
200
100
fOUT (MHz)
–3dB
0dB
Figure 37. AD9783 ACLR for Third Adjacent Channel Four-Carrier W-CDMA
Over Digital Input Level Baseband and Mix Modes, at 491.52 MSPS,
FS = 20 mA
–5.0
0
–0.5
–1.0
0.5
1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
0
600
540
480
420
360
240
300
180
60
120
fOUT (MHz)
NORMAL MODE
MIX MODE
Figure 38. Nominal Power in the Fundamental, FS = 20 mA, at 500 MSPS,
FS = 20 mA
0.8
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0
CODE
4096
8192
12,288
16,383
Figure 39. AD9781 INL, FS = 20 mA
0.1
–0.1
0
–0.2
–0.3
–0.4
–0.5
0
CODE
4096
8192
12,288
16,383
Figure 40. AD9781 DNL, FS = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com