Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-2 Datasheet (PDF) - Analog Devices

ADA4932-2 Datasheet PDF - Analog Devices
Part # ADA4932-2
Download  ADA4932-2 Download
File Size   551.03 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power Differential ADC Driver

ADA4932-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4932-2 Datasheet PDF - Analog Devices

Part # ADA4932-2
Download  ADA4932-2 Click to download

File Size   551.03 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power Differential ADC Driver

ADA4932-2 Datasheet (HTML) - Analog Devices


ADA4932-2 Product details

GENERAL DESCRIPTION

The ADA4932-x is the next generation AD8132 with higher performance, and lower noise and power consumption. It is an ideal choice for driving high performance ADCs as a single-ended to-differential or differential-to-differential amplifier. The output common-mode voltage is user adjustable by means of an internal common-mode feedback loop, allowing the ADA4932-x output to match the input of the ADC. The internal feedback loop also provides exceptional output balance as well as suppression of even-order harmonic distortion products.



FEATURES

High performance at low power

High speed

   −3 dB bandwidth of 560 MHz, G = 1

   0.1 dB gain flatness to 300 MHz

   Slew rate: 2800 V/μs, 25% to 75%

   Fast 0.1% settling time of 9 ns

Low power: 9.6 mA per amplifier

Low harmonic distortion

   100 dB SFDR @ 10 MHz

   90 dB SFDR @ 20 MHz

Low input voltage noise: 3.6 nV/√Hz

±0.5 mV typical input offset voltage

Externally adjustable gain

Can be used with fractional differential gains

Differential-to-differential or single-ended-to-differential operation

Adjustable output common-mode voltage

Input common-mode range shifted down by 1 VBE

Wide supply range: +3 V to ±5 V

Available in 16-lead and 24-lead LFCSP packages



APPLICATIONS

ADC drivers

Single-ended-to-differential converters

IF and baseband gain blocks

Differential buffers

Line drivers




Similar Part No. - ADA4932-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4932-2 AD-ADA4932-2 Datasheet
939Kb / 16P
Matched Resistor Network for Precision Amplifiers
ADA4932-2 AD-ADA4932-2 Datasheet
2Mb / 27P
Low Power, Differential ADC Driver
Rev. F
ADA4932-2YCPZ-R2 AD-ADA4932-2YCPZ-R2 Datasheet
753Kb / 27P
Low Power, Differential ADC Driver
Rev. E
ADA4932-2YCPZ-R2 AD-ADA4932-2YCPZ-R2 Datasheet
2Mb / 27P
Low Power, Differential ADC Driver
Rev. F
ADA4932-2YCPZ-R21 AD-ADA4932-2YCPZ-R21 Datasheet
477Kb / 28P
Low Power Differential ADC Driver
REV. A
More results


Similar Description - ADA4932-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
Low Distortion Differential ADC Driver
3/03-Data Sheet changed from REV. D to REV. E.
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
Low Distortion Differential ADC Driver
Rev. F
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Analog Devices
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
Low Power Differential ADC Driver
REV. A
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
Low Distortion Differential ADC Driver
Rev. F
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
Low Distortion, Differential ADC Driver
Rev. G
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
Low Power, Differential ADC Driver
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com