Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2108ACBZ-1.8-R7 Datasheet (PDF) - Analog Devices

ADP2108ACBZ-1.8-R7 Datasheet PDF - Analog Devices
Part # ADP2108ACBZ-1.8-R7
Download  ADP2108ACBZ-1.8-R7 Download
File Size   1087.75 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter

ADP2108ACBZ-1.8-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP2108ACBZ-1.8-R7 Datasheet PDF - Analog Devices

Part # ADP2108ACBZ-1.8-R7
Download  ADP2108ACBZ-1.8-R7 Click to download

File Size   1087.75 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter

ADP2108ACBZ-1.8-R7 Datasheet (HTML) - Analog Devices


ADP2108ACBZ-1.8-R7 Product details

GENERAL DESCRIPTION
The ADP2108 is a high efficiency, low quiescent current stepdown dc-to-dc converter manufactured in two different packages. The total solution requires only three tiny external components. It uses a proprietary, high speed current mode, constant frequency PWM control scheme for excellent stability and transient response. To ensure the longest battery life in portable applications, the ADP2108 has a power save mode that reduces the switching frequency under light load conditions.

FEATURES
   Peak efficiency: 95%
   3 MHz fixed frequency operation
   Typical quiescent current: 18 μA
   Maximum load current: 600 mA
   Input voltage: 2.3 V to 5.5 V
   Uses tiny multilayer inductors and capacitors
   Current mode architecture for fast load and line
      transient response
   100% duty cycle low dropout mode
   Internal synchronous rectifier
   Internal compensation
   Internal soft start
   Current overload protection
   Thermal shutdown protection
   Shutdown supply current: 0.2 μA
   Available in
      5-ball WLCSP
      5-lead TSOT
   Supported by ADIsimPower™ design tool
  
APPLICATIONS
   PDAs and palmtop computers
   Wireless handsets
   Digital audio, portable media players
   Digital cameras, GPS navigation units




Similar Part No. - ADP2108ACBZ-1.8-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2108ACBZ-1.8-R7 AD-ADP2108ACBZ-1.8-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
More results


Similar Description - ADP2108ACBZ-1.8-R7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Analog Devices
ADP2138 AD-ADP2138 Datasheet
520Kb / 16P
Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
Analog Devices
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2139CB-1.8EVALZ AD-ADP2139CB-1.8EVALZ Datasheet
544Kb / 20P
Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. C
ADP2102 AD-ADP2102_15 Datasheet
792Kb / 24P
Low Duty Cycle, 600 mA, 3 MHz Synchronous Step-Down DC-to-DC Converter
REV. B
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
Synchronous 600 mA Step-Down DC/DC Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com