Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2108ACBZ-1.8-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP2108ACBZ-1.8-R7
Description  Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2108ACBZ-1.8-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP2108ACBZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP2108ACBZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP2108ACBZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP2108ACBZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP2108ACBZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP2108ACBZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP2108ACBZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP2108ACBZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP2108ACBZ-1.8-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP2108
Rev. A | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6 V, TA = 25°C, VEN = VIN, unless otherwise noted.
12
14
16
18
20
22
24
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
–40°C
+25°C
+85°C
Figure 3. Quiescent Supply Current vs. Input Voltage
2500
2600
2700
2800
2900
3000
3100
3200
3300
3400
3500
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
–40°C
+25°C
+85°C
Figure 4. Switching Frequency vs. Input Voltage
1.795
1.800
1.805
1.810
1.815
1.820
1.825
1.830
1.835
1.840
–45
–25
–5
15
35
55
75
TEMPERATURE (°C)
IOUT = 10mA
IOUT = 150mA
IOUT = 500mA
Figure 5. Output Voltage vs. Temperature
600
700
800
900
1000
1100
1200
1300
1400
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
INPUT VOLTAGE (V)
Figure 6. PMOS Current Limit vs. Input Voltage
2.53.03.54.04.55.05.5
–40°C
INPUT VOLTAGE (V)
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
+85°C
PWM TO PSM
PSM TO PWM
Figure 7. Mode Transition Across Temperature
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
PWM TO PSM
PSM TO PWM
Figure 8. Mode Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com