Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2108ACBZ-1.8-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2108ACBZ-1.8-R7
Description  Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2108ACBZ-1.8-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2108ACBZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP2108ACBZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP2108ACBZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP2108ACBZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP2108ACBZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP2108ACBZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP2108ACBZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP2108ACBZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP2108ACBZ-1.8-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP2108
Rev. A | Page 13 of 16
APPLICATIONS INFORMATION
EXTERNAL COMPONENT SELECTION
Trade-offs between performance parameters such as efficiency
and transient response can be made by varying the choice of
external components in the applications circuit, as shown in
Figure 1.
Inductor
The high switching frequency of the ADP2108 allows for the
selection of small chip inductors. For best performance, use
inductor values between 0.7 μH and 3 μH. Recommended
inductors are shown in Table 5.
The peak-to-peak inductor current ripple is calculated using
the following equation:
L
f
V
V
V
V
I
SW
IN
OUT
IN
OUT
RIPPLE
×
×
−
×
=
)
(
where:
fSW
is the switching frequency.
L
is the inductor value.
The minimum dc current rating of the inductor must be greater
than the inductor peak current. The inductor peak current is
calculated using the following equation:
2
)
(
RIPPLE
MAX
LOAD
PEAK
I
I
I
+
=
Inductor conduction losses are caused by the flow of current
through the inductor, which has an associated internal DCR.
Larger sized inductors have smaller DCR, which may decrease
inductor conduction losses. Inductor core losses are related to
the magnetic permeability of the core material. Because the
ADP2108 is a high switching frequency dc-to-dc converter,
shielded ferrite core material is recommended for its low core
losses and low EMI.
Table 5. Suggested 1.0 μH Inductors
Vendor
Model
Dimensions
ISAT (mA)
DCR (mΩ)
Murata
LQM21PN1R0M
2.0 × 1.25 × 0.5
800
190
Murata
LQM31PN1R0M
3.2 × 1.6 × 0.85
1200
120
Coilcraft
LPS3010-102
3.0 × 3.0 × 0.9
1700
85
Toko
MDT2520-CN
2.5 × 2.0 × 1.2
1800
100
TDK
CPL2512T
2.5 × 1.5 × 1.2
1500
100
Output Capacitor
Higher output capacitor values reduce the output voltage ripple
and improve load transient response. When choosing this value,
it is also important to account for the loss of capacitance due to
output voltage dc bias.
Ceramic capacitors are manufactured with a variety of dielectrics,
each with different behavior over temperature and applied
voltage. Capacitors must have a dielectric adequate to ensure
the minimum capacitance over the necessary temperature range
and dc bias conditions. X5R or X7R dielectrics with a voltage
rating of 6.3 V or 10 V are recommended for best performance.
Y5V and Z5U dielectrics are not recommended for use with any
dc-to-dc converter because of their poor temperature and dc
bias characteristics.
The worst-case capacitance accounting for capacitor variation
over temperature, component tolerance, and voltage is calcu-
lated using the following equation:
CEFF = COUT × (1 − TEMPCO) × (1 − TOL)
where:
CEFF is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, the worst-case temperature coefficient (TEMPCO)
over −40°C to +85°C is assumed to be 15% for an X5R dielectric.
The tolerance of the capacitor (TOL) is assumed to be 10%, and
COUT is 9.2481 μF at 1.8 V, as shown in Figure 29.
Substituting these values in the equation yields
CEFF = 9.2481 μF × (1 − 0.15) × (1 − 0.1) = 7.0747 μF
To guarantee the performance of the ADP2108, it is imperative
that the effects of dc bias, temperature, and tolerances on the
behavior of the capacitors be evaluated for each application.
0
2
4
6
8
10
12
0123
456
DC BIAS VOLTAGE (V)
Figure 29. Typical Capacitor Performance
The peak-to-peak output voltage ripple for the selected output
capacitor and inductor values is calculated using the following
equation:
()
OUT
SW
IN
RIPPLE
C
L
f
V
V
×
×
×
×
=
2
2π
OUT
SW
RIPPLE
C
f
I
×
×
=
8
Capacitors with lower equivalent series resistance (ESR) are
preferred to guarantee low output voltage ripple, as shown in
the following equation:
RIPPLE
RIPPLE
COUT
I
V
ESR
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com