Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34712 Datasheet (PDF) - Freescale Semiconductor, Inc

MC34712 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC34712
Download  MC34712 Download
File Size   547.77 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply

MC34712 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34712 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC34712
Download  MC34712 Click to download

File Size   547.77 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply

MC34712 Datasheet (HTML) - Freescale Semiconductor, Inc


MC34712 Product details

3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply

The 34712 is a highly integrated, space efficient, low cost, single synchronous buck switching regulator with integrated N-channel power MOSFETs. It is a high performance point-of-load (PoL) power supply with the ability to track an external reference voltage.
Its high efficient 3.0 A sink and source capability combined with its voltage tracking/sequencing ability and tight output regulation, makes it ideal to provide the termination voltage (VTT) for modern data buses such as Double-Data-Rate (DDR) memory buses. It also provides a buffered output reference voltage (VREF) to the memory chipset
The 34712 offers the designer the flexibility of many control, supervisory, and protection functions to allow for easy implementation of complex designs. It is housed in a Pb-free, thermally enhanced, and space efficient 24 Pin Exposed Pad QFN.

Features
• 50 mΩ integrated N-channel power MOSFETs
• Input voltage operating range from 3.0 to 6.0 V
• ±1% Accurate output voltage, ranging from 0.7 to 1.35 V
• ±1% Accurate buffered reference output voltage
• Programmable switching frequency range from 200 kHz to 1.0 MHz with a default of 1.0 MHz
• Over-current limit and short-circuit protection
• Thermal shutdown
• Output over-voltage and under-voltage detection
• Active low power good output signal
• Active low standby and shutdown inputs
• Pb-free packaging designated by suffix code EP.




Similar Part No. - MC34712

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34712EP FREESCALE-MC34712EP Datasheet
477Kb / 23P
3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
MC34712EPR2 FREESCALE-MC34712EPR2 Datasheet
477Kb / 23P
3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
More results


Similar Description - MC34712

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34712 FREESCALE-34712 Datasheet
477Kb / 23P
3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
34716 FREESCALE-34716 Datasheet
664Kb / 25P
1.0 MHz Dual Switch-Mode DDR Power Supply
34717 FREESCALE-34717 Datasheet
651Kb / 25P
5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
MC34164-3 FREESCALE-MC34164-3 Datasheet
477Kb / 23P
3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34713 FREESCALE-MC34713 Datasheet
587Kb / 23P
5.0 A 1.0 MHz Fully Integrated Single Switch-Mode Power Supply
MC34716 FREESCALE-MC34716 Datasheet
772Kb / 27P
1.0 MHz Dual Switch-Mode DDR Power Supply
MC34717 FREESCALE-MC34717 Datasheet
778Kb / 28P
5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34712UG NXP-KT34712UG Datasheet
2Mb / 16P
Using the 3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
Rev. 4.0, 1/2009
KT34716UG NXP-KT34716UG Datasheet
1,005Kb / 17P
Using the 1.0 MHz Dual Switch-Mode DDR Power Supply
Rev. 3.0, 1/2009
KT34717UG NXP-KT34717UG Datasheet
1Mb / 20P
Using the 5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
Rev. 3.0, 1/2009
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com