Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34717 Datasheet (PDF) - Freescale Semiconductor, Inc

MC34717 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC34717
Download  MC34717 Download
File Size   778.61 Kbytes
Page   28 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply

MC34717 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34717 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC34717
Download  MC34717 Click to download

File Size   778.61 Kbytes
Page   28 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply

MC34717 Datasheet (HTML) - Freescale Semiconductor, Inc


MC34717 Product details

5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply

The 34717 is a highly integrated, space-efficient, low cost, dual synchronous buck switching regulator with integrated N-channel power MOSFETs. It is a high performance dual point-of-load (PoL) power supply with many desired features for the 3.3 and 5.0 V environments.
Both channels can provide up to 5.0 A of continuous output current capability with high efficiency and tight output regulation. The second channel has the ability to track an external reference voltage in different configurations.
The 34717 offers the designer the flexibility of many control, supervisory, and protection functions to allow for easy implementation of complex designs. It is housed in a Pb-free, thermally enhanced, and space efficient 26 Pin Exposed Pad QFN.

Features
• 50 mΩ integrated N-channel power MOSFETs
• Input voltage operating range from 3.0 to 6.0 V
• ±1% accurate output voltages, ranging from 0.7 to 3.6 V
• The second output has voltage tracking capability in different configurations
• Programmable switching frequency range from 200 kHz to 1.0 MHz
• Programmable soft start timing
• Over-current limit and short-circuit protection
• Thermal shutdown
• Output over-voltage and under-voltage detection
• Active low power good output signal
• Active low shutdown input
• Pb-free packaging designated by suffix code EP.




Similar Part No. - MC34717

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34717EP FREESCALE-MC34717EP Datasheet
651Kb / 25P
5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
MC34717EPR2 FREESCALE-MC34717EPR2 Datasheet
651Kb / 25P
5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
More results


Similar Description - MC34717

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34713 FREESCALE-34713 Datasheet
510Kb / 21P
5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
34716 FREESCALE-34716 Datasheet
664Kb / 25P
1.0 MHz Dual Switch-Mode DDR Power Supply
34717 FREESCALE-34717 Datasheet
651Kb / 25P
5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
MC34164-3 FREESCALE-MC34164-3 Datasheet
477Kb / 23P
3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34712 FREESCALE-MC34712 Datasheet
547Kb / 24P
3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34713 FREESCALE-MC34713 Datasheet
587Kb / 23P
5.0 A 1.0 MHz Fully Integrated Single Switch-Mode Power Supply
MC34716 FREESCALE-MC34716 Datasheet
772Kb / 27P
1.0 MHz Dual Switch-Mode DDR Power Supply
logo
NXP Semiconductors
KT34712UG NXP-KT34712UG Datasheet
2Mb / 16P
Using the 3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
Rev. 4.0, 1/2009
KT34716UG NXP-KT34716UG Datasheet
1,005Kb / 17P
Using the 1.0 MHz Dual Switch-Mode DDR Power Supply
Rev. 3.0, 1/2009
KT34717UG NXP-KT34717UG Datasheet
1Mb / 20P
Using the 5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
Rev. 3.0, 1/2009
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com