Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34713 Datasheet (PDF) - Freescale Semiconductor, Inc

34713 Datasheet PDF - Freescale Semiconductor, Inc
Part # 34713
Download  34713 Download
File Size   510.38 Kbytes
Page   21 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply

34713 Datasheet (PDF)

Go To PDF Page Download Datasheet
34713 Datasheet PDF - Freescale Semiconductor, Inc

Part # 34713
Download  34713 Click to download

File Size   510.38 Kbytes
Page   21 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply

34713 Datasheet (HTML) - Freescale Semiconductor, Inc


34713 Product details

5.0 A 1.0 MHz Fully Integrated Single Switch-Mode Power Supply

The 34713 is a highly integrated, space efficient, low cost, single synchronous buck switching regulator with integrated N-channel power MOSFETs. It is a high performance point-of-load (PoL) power supply with the ability to track an external reference voltage in different configurations.
Its high efficient 5.0 A continuous output current capability combined with its voltage tracking/sequencing ability and tight output regulation, makes it ideal as a single power supply.
The 34713 offers the designer the flexibility of many control, supervisory, and protection functions to allow for easy implementation of complex designs. It is housed in a Pb-Free, thermally enhanced, and space-efficient 24-Pin Exposed Pad QFN.

Features
• 45 mΩ Integrated N-Channel Power MOSFETs
• Input Voltage Operating Range from 3.0 V to 6.0 V
• ±1 % Accurate Output Voltage, Ranging from 0.7 V to 3.6 V
• Voltage Tracking Capability in different configurations.
• Programmable Switching Frequency Range from 200 kHz to 1.0 MHz with a default of 1.0 MHz
• Programmable Soft Start Timing
• Over Current Limit and Short Circuit Protection
• Thermal Shutdown
• Output Overvoltage and Undervoltage Detection
• Active Low Power Good Output Signal
• Active Low Shutdown Input
• Pb-Free Packaging Designated by Suffix Code EP.




Similar Part No. - 34713

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
3471 KEYSTONE-3471 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Motorola, Inc
34710 MOTOROLA-34710 Datasheet
518Kb / 16P
Adjustable Dual Output Switching Power Supply
logo
Freescale Semiconductor...
34710 FREESCALE-34710 Datasheet
1Mb / 17P
Dual Output DC-DC & Linear Regulator IC
logo
ITT Industries
347100000 ITT-347100000 Datasheet
671Kb / 8P
Thumbwheel Switches
347100001 ITT-347100001 Datasheet
671Kb / 8P
Thumbwheel Switches
More results


Similar Description - 34713

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
FULLY INTEGRATED POWER SUPPLY
Oct-2000
logo
Freescale Semiconductor...
34712 FREESCALE-34712 Datasheet
477Kb / 23P
3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
34717 FREESCALE-34717 Datasheet
651Kb / 25P
5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
MC34164-3 FREESCALE-MC34164-3 Datasheet
477Kb / 23P
3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34712 FREESCALE-MC34712 Datasheet
547Kb / 24P
3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34713 FREESCALE-MC34713 Datasheet
587Kb / 23P
5.0 A 1.0 MHz Fully Integrated Single Switch-Mode Power Supply
MC34717 FREESCALE-MC34717 Datasheet
778Kb / 28P
5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34712UG NXP-KT34712UG Datasheet
2Mb / 16P
Using the 3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
Rev. 4.0, 1/2009
KT34713UG NXP-KT34713UG Datasheet
2Mb / 18P
Using the 5.0A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
Rev. 4.0, 1/2009
KT34717UG NXP-KT34717UG Datasheet
1Mb / 20P
Using the 5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
Rev. 3.0, 1/2009
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com