Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34713 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 34713
Description  5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34713 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 34713 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34713
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 3.0 V
≤ V
IN ≤ 6.0 V, - 40°C ≤ T
A ≤ 85°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
IC INPUT SUPPLY VOLTAGE (VIN)
Input Supply Voltage Operating Range
VIN
3.0
-
6.0
V
Input DC Supply Current (11)
Normal Mode: SD = 1, Unloaded Outputs
IIN
-
-
25
mA
Input DC Supply Current (11)
Shutdown Mode, SD = 0
IINOFF
-
-
100
µA
INTERNAL SUPPLY VOLTAGE OUTPUT (VDDI)
Internal Supply Voltage Range
VDDI
2.35
2.5
2.65
V
BUCK CONVERTER (PVIN, SW, PGND, BOOT, INV, COMP, ILIM)
Output Voltage Adjustment Range (12), (13)
VOUT
0.7
-
3.6
V
Output Voltage Accuracy (12), (14)
-
-1.0
-
1.0
%
Line Regulation (12)
Normal Operation, VIN = 3.0 V to 6.0 V, IOUT = +5.0 A
REGLN
-1.0
-
1.0
%
Load Regulation (12)
Normal Operation, IOUT = 0.0 A to 5.0 A
REGLD
-1.0
-
1.0
%
Error Amplifier Common Mode Voltage Range (12), (13)
VREF
0.0
-
1.35
V
Output Undervoltage Threshold
VUVR
-1.5
-
-8.0
%
Output Overvoltage Threshold
VOVR
1.5
-
8.0
%
Continuous Output Current
IOUT
-
-
5.0
A
Over Current Limit
ILIM
-
6.5
-
A
Soft start Adjusting reference Voltage Range
VILIM
1.25
-
VDDI
V
Short Circuit Current Limit
ISHORT
-
8.5
-
A
High-Side N-CH Power MOSFET (M3) RDS(ON)
(12)
IOUT = 1.0 A, VBOOT - VSW = 3.3 V
RDS(ON)HS
10
-
45
m
Ω
Low-Side N-CH Power MOSFET (M4) RDS(ON)
(12)
IOUT = 1.0 A, VIN = 3.3 V
RDS(ON)LS
10
-
45
m
Ω
Notes
11.
Section “MODES OF OPERATION”, page 12 has a detailed description of the different operating modes of the 34713
12.
Design information only, this parameter is not production tested.
13.
The ±1% accuracy is only guaranteed for VEFOUT greater then or equal 0.7V at room tempreature.
14.
Overall output accuracy is directly affected by the accuracy of the external feedback network, 1% feedback resistors are recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com