Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34713 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 34713
Description  5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34713 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 34713 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
34713
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 5. Operation Modes Diagram
MODES OF OPERATION
The 34713 has two primary modes of operation:
Normal Mode
In normal mode, all functions and outputs are fully
operational. To be in this mode, the VIN needs to be within its
operating range, Shutdown input is high, and no faults are
present. This mode consumes the most amount of power.
Shutdown Mode
In this mode, activated by pulling the SD pin low, the chip
is in a shutdown state and the output is disabled and
discharged. In this mode, the 34713 consumes the least
amount of power since almost all of the internal blocks are
disabled.
START-UP SEQUENCE
When power is first applied, the 34713 checks the status
of the SD pin. If the device is in a shutdown mode, no block
will power up and the output will not attempt to ramp. Once
the SD pin is released to enable the device, the VDDI internal
supply voltage and the bias currents are established and the
internal VDDI POR signal is also released. The rest of the
internal blocks will be enabled and the buck converter
switching frequency and soft start values are determined by
reading the FREQ and ILIM pins respectively. A soft start
cycle is then initiated to ramp up the output of the buck
converter. The buck converter error amplifier uses the
voltage on the VREFIN pin as its reference voltage until
VREFIN is equal to 0.7 V, then the error amplifier defaults to
the internal 0.7 V reference voltage. This method helps
achieve multiple tracking configurations as will be explained
later in this document.
Soft start is used to prevent the output voltage from
overshooting during startup. At initial startup, the output
capacitor is at zero volts; VOUT = 0 V. Therefore, the voltage
across the inductor will be PVIN during the capacitor charge
phase which will create a very sharp di/dt ramp. Allowing the
inductor current to rise too high can result in a large
difference between the charging current and the actual load
current that can result in an undesired voltage spike once the
capacitor is fully charged. The soft start is active each time
the IC goes out of standby or shutdown mode, power is
recycled, or after a fault retry.
After a successful start-up cycle where the device is
enabled, no faults have occurred, and the output voltage has
reached its regulation point, the 34713 pulls the power good
output signal low after a 10 ms reset delay, to indicate to the
host that the device is in normal operation.
Shutdown
V
OUT = Discharge
V
REF = Discharge
3.0V < = V
IN < = 6.0V
Power Off
V
OUT = OFF
V
REF = OFF
V
IN < 3.0V
Normal
V
OUT= ON
V
REF = ON
Thermal
Shutdown
V
OUT = OFF
V
REF = OFF
Undervoltage
V
OUT= ON
V
REF = ON
Overvoltage
V
OUT = ON
V
REF = ON
Over Current
V
OUT = OFF
V
REF = ON
T
J > = 170°C
V
OUT < VUV
V
OUT > VOV
Short Circuit
V
OUT = OFF
V
REF = OFF
I
OUT > = ILIM
For > = 10ms
I
OUT > = ISHORT
V
OUT > VUV
V
OUT < VOV
T
J < = 145°C &
t
TIMEOUT Expired
t
TIMEOUT Expired
t
TIMEOUT Expired
SD = 0
PG = 1
PG = 1
SD = 1
PG = 1
PG = 1
PG = 1
PG = 1
PG = 0
PG = 1
Shutdown
V
OUT = Discharge
V
REF = Discharge
3.0V < = V
IN < = 6.0V
Power Off
V
OUT = OFF
V
REF = OFF
V
IN < 3.0V
Normal
V
OUT= ON
V
REF = ON
Thermal
Shutdown
V
OUT = OFF
V
REF = OFF
Undervoltage
V
OUT= ON
V
REF = ON
Overvoltage
V
OUT = ON
V
REF = ON
Over Current
V
OUT = OFF
V
REF = ON
T
J > = 170°C
V
OUT < VUV
V
OUT > VOV
Short Circuit
V
OUT = OFF
V
REF = OFF
I
OUT > = ILIM
For > = 10ms
I
OUT > = ISHORT
V
OUT > VUV
V
OUT < VOV
T
J < = 145°C &
t
TIMEOUT Expired
t
TIMEOUT Expired
t
TIMEOUT Expired
SD = 0
SD = 0
PG = 1
PG = 1
PG = 1
PG = 1
SD = 1
SD = 1
PG = 1
PG = 1
PG = 1
PG = 1
PG = 1
PG = 1
PG = 1
PG = 1
PG = 0
PG = 0
PG = 1
PG = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com