Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34713 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 34713
Description  5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34713 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  34713 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34713
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Input Supply Voltage (VIN) Pin
VIN
-0.3 to 7.0
V
High-Side MOSFET Drain Voltage (PVIN) Pin
PVIN
-0.3 to 7.0
V
Switching Node (SW) Pin
VSW
-0.3 to 7.5
V
BOOT Pin (Referenced to SW Pin)
VBOOT - VSW
-0.3 to 7.5
V
PG, VOUT,and SD Pins
-
-0.3 to 7.0
V
VDDI, FREQ, ILIM, INV, COMP, and VREFIN Pins
-
-0.3 to 3.0
V
Continuous Output Current (1)
IOUT
+5.0
A
ESD Voltage (2)
Human Body Model
Charge Device Model
VESD1
VESD3
±2000
±750
V
THERMAL RATINGS
Operating Ambient Temperature (3)
TA
-40 to 85
°C
Storage Temperature
TSTG
-65 to +150
°C
Peak Package Reflow Temperature During Reflow (4), (5)
TPPRT
Note 5
°C
Maximum Junction Temperature
TJ(MAX)
+150
°C
Power Dissipation (TA = 85 °C)
(6)
PD
2.9
W
Notes
1.
Continuous output current capability so long as TJ is ≤ TJ(MAX).
2.
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 Ω), ESD3 testing is performed in
accordance with the Charge Device Model (CDM).
3.
The limiting factor is junction temperature, taking into account power dissipation, thermal resistance, and heatsinking.
4.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
5.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.
6.
Maximum power dissipation at indicated ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com