Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34713 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 34713
Description  5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34713 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 34713 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 21Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
34713
TYPICAL APPLICATIONS
PROTECTION AND DIAGNOSTIC FEATURES
Equating the Pole 2 at Crossover Frequency to achieve a
faster response and a proper phase margin,
BOOTSTRAP CAPACITOR
The bootstrap capacitor is needed to supply the gate
voltage for the high side MOSFET. This N-Channel MOSFET
needs a voltage difference between its gate and source to be
able to turn on. The high side MOSFET source is the SW
node, so it is not ground and it is floating and moving in
voltage, so we cannot just apply a voltage directly to the gate
of the high side that is referenced to ground, we need a
voltage referenced to the SW node. That is why the bootstrap
capacitor is needed for. This capacitor charges during the
high side off time, since the low side will be on during that
time, so the SW node and the bottom of the bootstrap
capacitor will be connected to ground and the top of the
capacitor will be connected to a voltage source, so the
capacitor will charge up to that voltage source (say 5V). Now
when the low side MOSFET switches off and the high side
MOSFET switches on, the SW nodes rises up to Vin, and the
voltage on the boot pin will be Vcap + Vin. So the gate of the
high side will have Vcap across it and it will be able to stay
enhanced. A 0.1
µF capacitor is a good value for this
bootstrap element.
SOFT START SELECTION
Table 6 shows the voltage that should be applied to the
terminal ILIM to get the desired configuration of the soft start
timing.
⇒
⇒
Table 6. ILIM Table
Soft Start (ms)
Voltage Applied to ILIM
3.2
1.25 - 1.49
1.6
1.50 - 1.81
0.8
1.82 - 2.13
0.4
2.14 - 2.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com