Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34713 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 34713
Description  5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34713 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  34713 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
34713
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
THERMAL RESISTANCE (7)
Thermal Resistance, Junction to Ambient, Single-Layer Board (1s) (8)
RθJA
139
°C/W
Thermal Resistance, Junction to Ambient, Four-Layer Board (2s2p) (9)
RθJMA
43
°C/W
Thermal Resistance, Junction to Board (10)
RθJB
22
°C/W
Notes
7.
The PVIN, SW, and PGND pins comprise the main heat conduction paths.
8.
Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board (JESD51-3) horizontal.
9.
Per JEDEC JESD51-6 with the board (JESD51-7) horizontal. There are no thermal vias connecting the package to the two planes in the
board.
10.
Thermal resistance between the device and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top
surface of the board near the package.
Table 2. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com