Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34713 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 34713
Description  5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34713 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 34713 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
34713
TYPICAL APPLICATIONS
PROTECTION AND DIAGNOSTIC FEATURES
In order to find the maximum allowed ESR,
The effects of the ESR is often neglected by the designers
and may present a hidden danger to the ultimate supply
stability. Poor quality capacitors have widely disparate ESR
value, which can make the closed loop response
inconsistent.
Figure 8. Transient Parameters
TYPE III COMPENSATION NETWORK
Power supplies are desired to offer accurate and tight
regulation output voltages. To accomplish this requires a high
DC gain. But with high gain comes the possibility of instability.
The purpose of adding compensation to the internal error
amplifier is to counteract some of the gains and phases
contained in the control-to-output transfer function that could
jeopardized the stability of the power supply. The Type III
compensation network used for 34713 comprises two poles
(one integrator and one high frequency pole to cancel the
zero generated from the ESR of the output capacitor) and two
zeros to cancel the two poles generated from the LC filter as
shown in Figure 9.
Figure 9. Type III Compensation Network
Consider the crossover frequency, FCROSS, of the open loop
gain at one-sixth of the switching frequency, FSW.
Then,
where RO is a user selected resistor. Knowing the LC
frequency, it can be obtained the values of RF and CS:
This gives as a result,
Calculate Rs by placing the Pole 1 at the ESR zero
frequency:
Io
Worst case
assumption
Current
response
dt_I_rise
Io_step
FSW
Gate
Driver
PWM
Comparitor
VREFIN
Ramp
Generator
Error
Amplifier
SW
VOUT
INV
COMP
L
RS
CS
RO
CO
CX
RF
CF
BOOT
CBOOT
RB
VDDI
Reference
Selection
Bandgap
Regulator
34713
V
O
V
REF
R
O
R
B
-------
1
+
⎝⎠
⎛⎞
=
⇒
&



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com